Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2SER Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # USB2SER
Description  USB to UART Application Specific IC Single chip USB to UART Data Transfer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB2SER Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button USB2SER Datasheet HTML 3Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 4Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 5Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 6Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 7Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 8Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 9Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 10Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Pins and Connections
USB2SER Data Sheet, Rev. 0
Freescale Semiconductor
7
1.6
Reset and system initialization
The USB2SER has three reset sources:
•
Power-on Reset (POR)
•
External Reset Pin (RESET)
•
Software update Reset (Soft Reset)
System startup from any reset source starts with the crystal frequency auto-detection that takes 48 ms. After this step, the device
initializes the internal PLL to setup the internal clock to 48 MHz which will be used as the reference for the USB and UART to
work properly.
After reset from a source different than a POR, the VUSB33MON is configured to discharge the capacitors connected
to the VUSB33 voltage when working from a 5V power supply; this adds a 40msec delay to the system startup to
determine if the internal voltage regulator has to be enabled.
Figure 5. Clock and system initialization
1.7
VID and PID configuration
The USB2SER includes the functionality to modify the VID, PID, Product Description Strings and Power Descriptor Value.
The default parameters are:
•
VID — 15A2 Hex
•
PID — 005A Hex
•
Power Descriptor Value for 100 mA
•
Manufacturer string — FREESCALE SEMICONDUCTOR INC.
•
Product string — USB TO SERIAL
•
Serial number string — Version 1.0
RESET
Is Reset a POR
Wait for
VUSB33
Capacitors
discharge
550ms
Crystal
Autodetection
PLL Init
System Init
48msec
System
Ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com