Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2041 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2041
Description  HotSwitch??USB Power Distribution Switch With Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2041 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2041 Datasheet HTML 1Page - Semtech Corporation SC2041 Datasheet HTML 2Page - Semtech Corporation SC2041 Datasheet HTML 3Page - Semtech Corporation SC2041 Datasheet HTML 4Page - Semtech Corporation SC2041 Datasheet HTML 5Page - Semtech Corporation SC2041 Datasheet HTML 6Page - Semtech Corporation SC2041 Datasheet HTML 7Page - Semtech Corporation SC2041 Datasheet HTML 8Page - Semtech Corporation SC2041 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SC2041
© 2000 SEMTECH CORP.
HotSwitch™ USB Power Distribution
Switch With Shutdown
July 18, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
5
TYPICAL CHARACTERISTICS
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
TJ (°C)
IOUT = 500mA
VSHDN = GND
VIN = 3.0V
VIN = 3.3V
VIN = 5.0V
On-State Quiescent Current vs. Junction
Temperature vs. Input Voltage
0
20
40
60
80
100
120
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
TJ = 25°C
IOUT = 500mA
VSHDN = GND
On-State Quiescent Current
vs. Input Voltage
55
65
75
85
95
105
115
125
135
-50
-25
0
25
50
75
100
125
TJ (°C)
VSHDN = GND
IOUT = 500mA
Top to bottom:
VIN = 3.0V
VIN = 3.3V
VIN = 5.0V
Power Switch On Resistance vs. Junction
Temperature vs. Input Voltage
0
50
100
150
200
250
300
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
TA = 25°C
TA = -40°C
TA = 125°C
VSHDN = VIN
0.0
0.5
1.0
1.5
2.0
2.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
COUT = 1µF
ROUT = 6.6Ω (VIN = 2.8V and 3.3V)
ROUT = 10Ω (VIN = 5V and 5.5V)
TJ = 125°C
TJ = 25°C
TJ = -40°C
Output Turn-On Rise Time vs. Input
Voltage vs Junction Temperature
55
65
75
85
95
105
115
125
135
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
TJ = 125°C
TJ = 25°C
TJ = -40°C
VSHDN = GND
IOUT = 500mA
Off-State Quiescent Current vs. Input
Voltage vs. Junction Temperature
Power Switch On Resistance vs. Input
Voltage vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com