Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2041 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2041
Description  HotSwitch??USB Power Distribution Switch With Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2041 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2041 Datasheet HTML 1Page - Semtech Corporation SC2041 Datasheet HTML 2Page - Semtech Corporation SC2041 Datasheet HTML 3Page - Semtech Corporation SC2041 Datasheet HTML 4Page - Semtech Corporation SC2041 Datasheet HTML 5Page - Semtech Corporation SC2041 Datasheet HTML 6Page - Semtech Corporation SC2041 Datasheet HTML 7Page - Semtech Corporation SC2041 Datasheet HTML 8Page - Semtech Corporation SC2041 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SC2041
© 2000 SEMTECH CORP.
HotSwitch™ USB Power Distribution
Switch With Shutdown
July 18, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
3
ELECTRICAL CHARACTERISTICS (Cont.)
Unless specified: T
A = 25°C, VIN = 5V, VSHDN = GND, IOUT = 500mA. Values in bold apply over the full operating temperature range.
Parameter
Symbol
Conditions
Min
Typ Max
Units
Current Limit
Short Circuit Current Limit
I
CL
V
OUT = GND
0.60 0.85 1.10
A
Current Limit Trip Threshold
I
TH(CL)
1.5
A
SHDN
High Level Input Voltage
V
IH
2.8V
≤ V
IN ≤ 5.50V
2.4
V
Low Level Input Voltage
V
IL
2.8V
≤ V
IN ≤ 5.50V
0.8
V
Input Current
I
SHDN
V
SHDN = VIN = 5.5V, VOUT = OPEN
1
µA
V
SHDN = GND, IOUT = 0mA, VOUT = OPEN
1
Undervoltage Lockout
UVLO Threshold
V
UVLO
V
IN rising
2.7
V
V
IN falling
2.4
V
FLG
Output Resistance
r
FLG
I
FLG = 10mA, VO = GND, Switch ON
50
Ω
Leakage Current (OFF)
I
FLG
V
FLG = 5.0V, Switch OFF
1
µA
Over Temperature Protection
High Trip Level
T
HI
150
°C
Hysteresis
T
HYST
20
°C
TIMING DIAGRAM: OUTPUT TURN ON/OFF DELAY TIMES AND RISE/FALL TIMES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com