Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2041 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC2041
Description  HotSwitch??USB Power Distribution Switch With Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2041 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC2041 Datasheet HTML 6Page - Semtech Corporation SC2041 Datasheet HTML 7Page - Semtech Corporation SC2041 Datasheet HTML 8Page - Semtech Corporation SC2041 Datasheet HTML 9Page - Semtech Corporation SC2041 Datasheet HTML 10Page - Semtech Corporation SC2041 Datasheet HTML 11Page - Semtech Corporation SC2041 Datasheet HTML 12Page - Semtech Corporation SC2041 Datasheet HTML 13Page - Semtech Corporation SC2041 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SC2041
© 2000 SEMTECH CORP.
HotSwitch™ USB Power Distribution
Switch With Shutdown
July 18, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
12
TYPICAL APPLICATIONS CIRCUITS (Cont.)
Bus-Powered Hub, Ganged-Port Power
Management:
A bus-powered hub distributes power and data from an
input port to downstream ports. It must supply a contin-
uous 100mA of current to each downstream port. A
bus-powered hub must be able to switch power to
downstream ports to prevent illegal device hook-up.
Inrush current limiting is also required to prevent power
supply drooping. The circuit below utilizes the SC2041
to provide ganged port power switching, inrush current
limiting and overcurrent protection for maximum port
protection. In a ganged switch configuration, all ports
are switched simultaneously. Under fault conditions,
the USB controller will remove power to all of the
ganged
ports.
For individual port
management,
additional SC2041s may be used.
Since USB is a hot insertion and removal system, USB
ports are subject to electrostatic discharge (ESD). The
SRDA05-4 provides ESD protection on the downstream
data and power lines. Each device will protect two USB
ports. With proper layout the port is hardened to greater
than 15kV, meeting the requirements of IEC 1000-4-2.
On the upstream port, the SR05 provides ESD protec-
tion to the above levels for one line pair. The SC5205
LDO regulator is used to power the hub controller from
the upstream bus.
Ferrite Bead
Ferrite Bead
Ferrite Bead
Ferrite Bead
Ferrite Bead
Ferrite Bead
Ferrite Bead
USB Controller
D0D+
D0D-
VCC
EN
OC
D1D+
D1D-
OC
OC
OC
D2D+
D2D-
D3D+
D3D-
D4D+
D4D-
Downstream Port
VBUS
D+
D-
GND
Downstream Port
VBUS
D+
D-
GND
Downstream Port
VBUS
D+
D-
GND
C6
33uF
C7
33uF
C8
33uF
U1
SR05
1
2
3
4
1
23
4
U2
SC5205-3.3
1
2
3
4
5
VIN
GND
EN BYP
VO
U3
SC2041
1
2
3
4
5
6
7
8
GND
IN
IN
SHDN
FLG
OUT
OUT
OUT
Upstream Port
D+
D-
VBUS
GND
C2
10nF
C3
4.7uF
Downstream Port
VBUS
D+
D-
GND
C1
4.7uF
C4
0.1uF
R1 100k
U4
SRDA05-4
I/O1
I/O2
I/O3
I/O4
REF2
REF2
REF1
REF1
U5
SRDA05-4
I/O1
I/O2
I/O3
I/O4
REF2
REF2
REF1
REF1
Ferrite Bead
C5
33uF
Note:
(1) 33µF output capacitor per port meets the USB specification minimum capacitance requirement of 120µF per
hub.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com