Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2041 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC2041
Description  HotSwitch??USB Power Distribution Switch With Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2041 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC2041 Datasheet HTML 2Page - Semtech Corporation SC2041 Datasheet HTML 3Page - Semtech Corporation SC2041 Datasheet HTML 4Page - Semtech Corporation SC2041 Datasheet HTML 5Page - Semtech Corporation SC2041 Datasheet HTML 6Page - Semtech Corporation SC2041 Datasheet HTML 7Page - Semtech Corporation SC2041 Datasheet HTML 8Page - Semtech Corporation SC2041 Datasheet HTML 9Page - Semtech Corporation SC2041 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SC2041
© 2000 SEMTECH CORP.
HotSwitch™ USB Power Distribution
Switch With Shutdown
July 18, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
6
TYPICAL CHARACTERISTICS (Cont.)
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
Top to bottom:
TJ = -40°C
TJ = 25°C
TJ = 125°C
VSHDN = VIN
VOUT = GND
Short Circuit Current Limit vs. Input
Voltage vs. Junction Temperature
0.60
0.65
0.70
0.75
0.80
0.85
0.90
-50
-25
0
25
50
75
100
125
TJ (°C)
VSHDN = VIN
VOUT = GND
VIN = 5.0V
VIN = 3.3V
VIN = 3.0V
Short Circuit Current Limit vs. Junction
Temperature vs. Input Voltage
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
Top to bottom:
TJ = -40°C
TJ = 25°C
TJ = 125°C
Shutdown Threshold vs. Input Voltage
vs. Junction Temperature
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 5.0V
VIN = 3.3V
VIN = 3.0V
VSHDN = VIN
VOUT = GND
Current Limit Trip Threshold vs. Junction
Temperature vs. Input Voltage
2.40
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN rising
VIN falling
Undervoltage Lockout vs.
Junction Temperature
0
5
10
15
20
25
30
35
40
2.53.0
3.54.0
4.55.0
5.5
VIN (V)
Top to bottom:
TJ = 125°C
TJ = 25°C
TJ = -40°C
IFLG = 10mA
VOUT = GND
Switch ON
Error Flag Output Resistance vs. Input
Voltage vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com