Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2041 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2041
Description  HotSwitch??USB Power Distribution Switch With Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2041 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2041 Datasheet HTML 6Page - Semtech Corporation SC2041 Datasheet HTML 7Page - Semtech Corporation SC2041 Datasheet HTML 8Page - Semtech Corporation SC2041 Datasheet HTML 9Page - Semtech Corporation SC2041 Datasheet HTML 10Page - Semtech Corporation SC2041 Datasheet HTML 11Page - Semtech Corporation SC2041 Datasheet HTML 12Page - Semtech Corporation SC2041 Datasheet HTML 13Page - Semtech Corporation SC2041 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SC2041
© 2000 SEMTECH CORP.
HotSwitch™ USB Power Distribution
Switch With Shutdown
July 18, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
10
overcurrent circuitry reacts. Once the current limit cir-
cuitry trips, the current is limited to 0.85A and FLG is
asserted low. Refer to Figure 7 on page 8.
3) the load gradually increases beyond 500mA. In this
case, the current will be allowed to rise until it reaches
the Current Limit Trip Threshold, at which point the
current will drop back to 0.85A and FLG will assert low.
Refer to figures 4 and 5 on page 7 and 8.
Thermal Sensing
An internal thermal shutdown circuit turns off the power
switch when the die temperature exceeds 150°C
(typical).
The FLG pin asserts low signaling a fault
condition. Built-in hysteresis prevents the switch from
turning back on until the die temperature has cooled
approximately 20°C. The switch will continue to cycle
on and off until the fault condition is removed.
The
thermal sense circuit functions only when the switch is
enabled.
Undervoltage Lockout
An undervoltage lockout circuit monitors the input volt-
age and prevents the power switch from turning on until
the input voltage (IN) exceeds 2.7V (typical). If the input
voltage falls and drops below 2.4V (typical), the under-
voltage circuitry turns off the power switch and the FLG
pin asserts low. The undervoltage lockout functions
only when the switch is enabled.
Thermal Considerations
Since the on-resistance of the power switch is so low,
the SC2041 can pass large currents without requiring a
large package to dissipate the heat. The worst-case
power dissipation (under normal operating conditions)
is given by:
So for I
OUT = 500mA and rON(MAX) = 150mΩ (at VIN =
3.3V), the maximum power dissipation is:
The junction temperature can be calculated using the
following equation:
Inserting T
A = 85°C, θJA = 130°C/W (package thermal
impedance for minimum line widths and no internal
Component Selection - General
A 0.1µF or greater ceramic bypass capacitor is recom-
mended at the device input. This should be placed
close to the input pin (IN) and routed directly to ground.
A low ESR electrolytic capacitor is recommended at the
output, higher values should be used for heavy loads to
reduce ringing at the output (and hence input). Bypass
the output with a 0.1µF to 1µF ceramic capacitor to
improve immunity to short circuit transients.
Shutdown
The shutdown pin (SHDN) input is a 3V or 5V
compatible enable/disable. Pulling this pin high shuts
down the power switch and the SC2041 will draw < 1µA
from the supply. Pulling this pin low will enable the
device.
Error Flag
The error flag (FLG) output is an open drain N-channel
MOSFET. Its output is pulled low during overcurrent,
input undervoltage and thermal shutdown conditions.
Connection of high capacitance loads to the output can
cause momentary overcurrent conditions due to inrush
current and trigger false error flag assertion. This can
be reduced by using low ESR output capacitors to
provide a low impedance source for hot-plug events.
The addition of an RC filter between FLG and the USB
controller can resolve this easily. This pin also requires
a pull-up resistor for a high signal when not asserted.
Overcurrent
There are three overcurrent situations to be consid-
ered:
1) the output is already short before the device is
enabled or power is applied. In this case, the SC2041
immediately detects the short, and the output current
will slowly ramp up to the current limit value, and FLG
will assert low. Refer to Figure 6 on page 8.
2) a short occurs while the device is enabled. In this
case, very high current may flow initially while the
VBUS IN
Flag Output To USB Controller
VBUS OUT
Shutdown Signal From USB Controller
U1
SC2041
1
2
3
4
5
6
7
8
GND
IN
IN
SHDN
FLG
OUT
OUT
OUT
C2
0.1uF
C3
22uF
R1
C1
0.1uF
PI
r
DM A X
O U T
O N M A X
()
(
)
()
=•
2
Pm W
DM A X
()
(. )
.
.
=•
=
0 5
0 150
37 5
2
TT
P
JA
JA
D M A X
=+
•
θ
()
APPLICATIONS INFORMATION (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com