Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2041 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC2041
Description  HotSwitch??USB Power Distribution Switch With Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2041 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC2041 Datasheet HTML 6Page - Semtech Corporation SC2041 Datasheet HTML 7Page - Semtech Corporation SC2041 Datasheet HTML 8Page - Semtech Corporation SC2041 Datasheet HTML 9Page - Semtech Corporation SC2041 Datasheet HTML 10Page - Semtech Corporation SC2041 Datasheet HTML 11Page - Semtech Corporation SC2041 Datasheet HTML 12Page - Semtech Corporation SC2041 Datasheet HTML 13Page - Semtech Corporation SC2041 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SC2041
© 2000 SEMTECH CORP.
HotSwitch™ USB Power Distribution
Switch With Shutdown
July 18, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
13
TYPICAL APPLICATIONS CIRCUITS (Cont.)
High-Power or Low-Power Bus-Powered Function:
Both low-power and high-power bus-powered functions
must draw less than 100mA at startup. At this time,
they must also present a load of less than the parallel
combination of a 44
Ω resistor and a 10µF capacitor.
After startup, high powered functions may then draw up
to 500mA. The circuit below utilizes the SC2041 to
provide inrush current limiting and power switching for
the internal function.
Since USB is a hot insertion and removal system, USB
ports are subject to electrostatic discharge (ESD). The
SR05 provides ESD protection on the upstream data
and power lines. With proper layout the port is hard-
ened to greater than 15kV, meeting the requirements of
IEC 1000-4-2. The SC5205 LDO regulator is used to
power the hub controller from the upstream bus.
Note:
(1) 33µF output capacitor per port meets the USB specification minimum capacitance of 120µF per hub.
C1
10uF
C4
0.1uF
Upstream Port
D+
D-
VBUS
GND
C3
4.7uF
U2
SC5205-3.3
1
2
3
4
5
VIN
GND
EN
BYP
VO
C5
10uF
R1
100k
C2
10nF
U1
SR05
1
2
3
4
1
23
4
U3
SC2041
1
2
3
4
5
6
7
8
GND
IN
IN
SHDN
FLG
OUT
OUT
OUT
USB Controller
D0D+
D0D-
VCC
EN
OC
Internal Function
VCC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com