Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2041 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2041
Description  HotSwitch??USB Power Distribution Switch With Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2041 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2041 Datasheet HTML 5Page - Semtech Corporation SC2041 Datasheet HTML 6Page - Semtech Corporation SC2041 Datasheet HTML 7Page - Semtech Corporation SC2041 Datasheet HTML 8Page - Semtech Corporation SC2041 Datasheet HTML 9Page - Semtech Corporation SC2041 Datasheet HTML 10Page - Semtech Corporation SC2041 Datasheet HTML 11Page - Semtech Corporation SC2041 Datasheet HTML 12Page - Semtech Corporation SC2041 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SC2041
© 2000 SEMTECH CORP.
HotSwitch™ USB Power Distribution
Switch With Shutdown
July 18, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
9
TYPICAL CHARACTERISTICS (Cont.)
Figure 10: Inrush Current, Device Enabled Into
470µF and 10
Ω
Ω
Ω
Ω
Top Trace: V
SHDN, 5V/div.
Bottom Trace: I
OUT, 0.2A/div.
Timebase: 2.5ms/div.
V
IN = 5V, ROUT = 10Ω, COUT = 470µF
APPLICATIONS INFORMATION
Theory Of Operation
The SC2041 is a current limited 80m
Ω power switch
with error reporting and enable features. The power
switch is an N-channel MOSFET with its gate driven by
an internal charge pump. The switch has been de-
signed to turn on slowly (1.7ms typical) to minimize
inrush currents at turn-on.
The Shutdown pin (SHDN) is compatible with 3V or 5V
logic, and when pulled high, shuts off the power switch,
causing the device to enter a very low power shutdown
mode, where it will draw less than 1µA from the supply.
While enabled, the SC2041 draws only 100µA from the
supply.
The power switch has current limit detection circuitry
which will limit the current through the switch to 0.85A
(typical) and reduce the output voltage accordingly.
When current limit is entered, the open drain Flag pin
(FLG) is asserted low, indicating a fault condition. If an
overcurrent or short condition is continuous, the power
dissipation in the switch will cause the junction temper-
ature to rise, triggering the thermal protection circuitry
to shut the switch down (at T
J = 150°C typical). This will
shut off the output current altogether, and also cause
the Flag pin to be asserted low. Once the junction
temperature has dropped by 20°C (typical), the device
will start up once more in a controlled manner.
The SC2041 will operate from supply voltages as low
as 2.8V, and internal undervoltage lockout circuitry
ensures that the power switch will be turned off at
power-up, even if the device is enabled. Once the
UVLO threshold voltage (2.7V typical) is reached, the
switch will turn on (if enabled) and slowly ramp up the
output.
The SC2041 has been designed for use in USB appli-
cations such as:
1) hosts or self-powered hubs that need to current limit
downstream ports and report overcurrent conditions;
2) bus-powered hubs that need to be able to switch
power to downstream ports, limit inrush currents at
power-up (to less than a 44
Ω resistor in parallel with a
10µF capacitor) and power-up and draw less than
100mA;
3) bus-powered functions that need to limit inrush
currents at power-up (to less than a 44
Ω resistor in
parallel with a 10µF capacitor) and power-up and draw
less than 100mA.
Figure 9: Inrush Current, Device Enabled Into
100µF and 10
Ω
Ω
Ω
Ω
Top Trace: V
SHDN, 5V/div.
Bottom Trace: I
OUT, 0.2A/div.
Timebase: 2.5ms/div.
V
IN = 5V, ROUT = 10Ω, COUT = 100µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com