Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2041 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2041
Description  HotSwitch??USB Power Distribution Switch With Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2041 Datasheet(HTML) 2 Page - Semtech Corporation

  SC2041 Datasheet HTML 1Page - Semtech Corporation SC2041 Datasheet HTML 2Page - Semtech Corporation SC2041 Datasheet HTML 3Page - Semtech Corporation SC2041 Datasheet HTML 4Page - Semtech Corporation SC2041 Datasheet HTML 5Page - Semtech Corporation SC2041 Datasheet HTML 6Page - Semtech Corporation SC2041 Datasheet HTML 7Page - Semtech Corporation SC2041 Datasheet HTML 8Page - Semtech Corporation SC2041 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SC2041
© 2000 SEMTECH CORP.
HotSwitch™ USB Power Distribution
Switch With Shutdown
July 18, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
2
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Input Voltage Range
V
IN
-0.3 to +7
V
Output Voltage Range
V
OUT
-0.3 to +7
V
Shutdown Input
V
EN
-0.3 to +7
V
Flag Output
V
FLG
-0.3 to (V
IN + 0.3)
V
Continuous Output Current
I
O
Internally Limited
mA
Thermal Impedance Junction to Ambient
θ
JA
130
°C/W
Thermal Impedance Junction to Case
θ
JC
47
°C/W
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Operating Junction Temperature Range
T
J
-40 to +125
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering, 10 seconds)
T
L
300
°C
ESD Rating (Human Body Model)
ESD
2.5
kV
ELECTRICAL CHARACTERISTICS
Unless specified: T
A = 25°C, VIN = 5V, VSHDN = GND, IOUT = 500mA. Values in bold apply over the full operating temperature range.
Parameter
Symbol
Conditions
Min
Typ Max
Units
IN
Supply Voltage Range
V
IN
2.8
5.5
V
Supply Current
I
Q
V
IN = 3.3V
85
130
µA
200
V
IN = 5.0V
100
130
µA
200
V
SHDN = VIN = 5.5V (OFF)
0.1
1
µA
Power Switch
On Resistance
r
ON
V
IN = 3.3V
85
105
m
Ω
150
V
IN = 5.0V
80
100
135
OUT
Output Leakage Current
I
L(OFF)
V
IN = VSHDN = 5.5V, VOUT = GND
0.01
1
µA
Output Turn On Delay
t
d(ON)
R
OUT = 10Ω, COUT = 1µF
0.9
ms
Output Turn On Rise Time
t
r
R
OUT = 10Ω, COUT = 1µF
1.7
ms
Output Turn Off Delay
t
d(OFF)
R
OUT = 10Ω, COUT = 1µF
20
µs
Output Turn Off Fall Time
t
f
R
OUT = 10Ω, COUT = 1µF
25
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com