Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2041 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2041
Description  HotSwitch??USB Power Distribution Switch With Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2041 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2041 Datasheet HTML 6Page - Semtech Corporation SC2041 Datasheet HTML 7Page - Semtech Corporation SC2041 Datasheet HTML 8Page - Semtech Corporation SC2041 Datasheet HTML 9Page - Semtech Corporation SC2041 Datasheet HTML 10Page - Semtech Corporation SC2041 Datasheet HTML 11Page - Semtech Corporation SC2041 Datasheet HTML 12Page - Semtech Corporation SC2041 Datasheet HTML 13Page - Semtech Corporation SC2041 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SC2041
© 2000 SEMTECH CORP.
HotSwitch™ USB Power Distribution
Switch With Shutdown
July 18, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
11
power planes) and P
D(MAX) = 37.5mW , we calculate the
worst-case T
J to be:
Thus it can be seen that this device does not require
any additional copper area for heatsinking under
normal operating conditions. Sustained overcurrents or
short circuits will rapidly heat T
J
> 150°C, thus
activating the thermal shutdown circuitry.
TC
J =+
•
=
°
85
130
0 0375
90
.
U2
SC5205-3.3
1
2
3
4
5
VIN
GND
EN
BYP
VO
U3
SC2041
1
2
3
4
5
6
7
8
GND
IN
IN
SHDN
FLG
OUT
OUT
OUT
Downstream Port
VBUS
D+
D-
GND
Upstream Port
D+
D-
VBUS
GND
C2
10nF
C3
4.7uF
C1
4.7uF
Ferrite Bead
Ferrite Bead
C4
0.1uF
C5
33uF
USB Controller
D0D+
D0D-
VCC
EN
OC
D1D+
D1D-
R1
100k
5V Power Supply
+5V
GND
U4
SRDA05-4
I/O1
I/O2
I/O3
I/O4
REF2
REF2
REF1
REF1
Self-Powered Hub, Individual Port Power
Management:
A self-powered hub must supply a continuous 500mA
of current to each downstream port. Since an internal
power supply is used to supply the power, self-powered
hubs are required to implement overcurrent protection
for safety. The self-powered hub must also have a
method to detect and report fault conditions to the USB
controller. The circuit below utilizes the SC2041 to
provide individual port overcurrent protection & power
switching for maximum port protection. Under fault
conditions, the SC2041 provides the short-circuit
current limiting function and has a fault flag logic output
Layout Considerations
The ceramic bypass capacitors for IN and OUT should
be connected as close to the relevant device pins as
possible. The bulk output capacitors required by the
USB specification should be placed close to the USB
connector to provide a low impedance source for hot
plug purposes. Ferrite beads should be placed on the
V
BUS and Ground pins of the downstream connectors to
reduce the droop on adjacent ports during hot plug
events.
TYPICAL APPLICATIONS CIRCUITS
for notifying the hub controller. The USB hub can use
the SC2041 to remove power from the faulty port,
allowing the other ports to operate normally.
Since USB is a hot insertion and removal system, USB
ports are subject to electrostatic discharge (ESD). The
SRDA05-4 provides ESD protection on the downstream
data and power lines. Each device will protect two USB
ports. With proper layout the port is hardened to greater
than 15kV, meeting the requirements of IEC 1000-4-2.
The SC5205 LDO regulator is used to power the hub
controller from the hub’s 5V power supply.
APPLICATIONS INFORMATION (Cont.)
Notes:
(1) One port only shown for simplicity.
(2) 33µF output capacitor assumes four downstream ports for this hub, therefore meeting the USB specification
requirement of 120µF minimum capacitance per hub.
(3) The SRDA05-4 shown would also protect lines D2D+ and D2D-.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com