Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2041 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2041
Description  HotSwitch??USB Power Distribution Switch With Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2041 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2041 Datasheet HTML 1Page - Semtech Corporation SC2041 Datasheet HTML 2Page - Semtech Corporation SC2041 Datasheet HTML 3Page - Semtech Corporation SC2041 Datasheet HTML 4Page - Semtech Corporation SC2041 Datasheet HTML 5Page - Semtech Corporation SC2041 Datasheet HTML 6Page - Semtech Corporation SC2041 Datasheet HTML 7Page - Semtech Corporation SC2041 Datasheet HTML 8Page - Semtech Corporation SC2041 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SC2041
© 2000 SEMTECH CORP.
HotSwitch™ USB Power Distribution
Switch With Shutdown
July 18, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
1
DESCRIPTION
USB
power
distribution
switches
are
high-side
N-channel MOSFET switches with built-in overcurrent
protection and low on-state resistance. The SC2041
switch is designed to meet the USB requirements for
power switching and maintenance-free fault protection
for self-powered & bus-powered hub applications. The
SC2041 features low on-state resistance to meet the
USB requirement for voltage drop and regulation. The
switch is controlled by a shutdown input that is
compatible with 3V and 5V logic. The device is active
when the shutdown input is low. See SC2051 for an
active high version. The device provides short circuit
current limiting at a value of less than 1.0A, well below
the USB limit of 5A. During an overcurrent condition the
device provides a fault notification to signal the USB
controller. An integrated thermal protection circuit
automatically shuts the switch off when the junction
temperature reaches its thermal limit. The switch
remains off until the junction temperature drops
approximately 20°C. The switch will continue to cycle
on and off until the fault is removed. Inrush current
limiting prevents voltage drop on an upstream port
when the switch is enabled. An undervoltage lockout
circuit guarantees the switch is initially off during
start-up.
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
ORDERING INFORMATION
Note:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
DEVICE
(1)
PACKAGE
SC2041IS.TR
SO-8
FEATURES
•= Designed to meet USB specification revisions 1.1
and 2.0 power management requirements
•= 500mA continuous load current
•= High-side MOSFET switch with low R
DS(ON)
•= Short-circuit current protection
•= Internal thermal shutdown
•= Undervoltage lockout
•= Open drain fault output
•= Soft start circuit with slow turn-on time
•= Wide supply voltage range: 2.8V to 5.5V
•= 2.5kV ESD rating (Human Body Model)
•= Full industrial temperature range
APPLICATIONS
•= Universal Serial Bus (USB) power management
•= Self-powered or bus-powered USB hubs
•= Root hubs in desktop PCs & servers
•= Notebook PCs
•= Peripherals
TYPICAL APPLICATION CIRCUIT
VBUS IN
Flag Output To USB Controller
VBUS OUT
Shutdown Signal From USB Controller
U1
SC2041
1
2
3
4
5
6
7
8
GND
IN
IN
SHDN
FLG
OUT
OUT
OUT
C2
0.1uF
C3
22uF
R1
C1
0.1uF


Similar Part No. - SC2041

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC2040 FAIRVIEW-SC2040 Datasheet
418Kb / 2P
2.4mm Male Open Circuit Connector Cap
REV 1.1
SC2040C FAIRVIEW-SC2040C Datasheet
420Kb / 2P
2.4mm Male Open Circuit Connector Cap with 3.5 Inch Chain
REV 1.2
logo
Schneider Electric
SC2040M125PF SCHNEIDER-SC2040M125PF Datasheet
98Kb / 2P
Homeline All In One service entrance device, semi flush, ringed socket, no bypass, OH, UG, 125 A, 20 spaces, solar ready
SC2040M200C SCHNEIDER-SC2040M200C Datasheet
108Kb / 2P
ALL-IN-ONE RING TYPE OH/UG 200A SURFACE
SC2040M200C150 SCHNEIDER-SC2040M200C150 Datasheet
131Kb / 2P
ALL-IN-ONE RING T-150A BRKR-SPECIAL
More results

Similar Description - SC2041

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5826 SEMTECH-SC5826 Datasheet
151Kb / 8P
HotSwitch??USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2027 MICREL-MIC2027 Datasheet
550Kb / 16P
Quad USB Power Distribution Switch Preliminary Information
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
Quad USB Power Distribution Switch
logo
Eutech Microelectronics...
EUP3545 EUTECH-EUP3545 Datasheet
92Kb / 1P
USB Power-Distribution Switch with Fault Blanking
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
Quad Port USB Power Distribution Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
Single Channel USB Power Distribution Switch
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
Dual Channel USB Power Distribution Switch
logo
Eutech Microelectronics...
EUP3548A EUTECH-EUP3548A Datasheet
86Kb / 1P
USB Power-Distribution Switch with Fault Blanking
logo
First Silicon Co., Ltd
FC9521 FS-FC9521 Datasheet
691Kb / 8P
USB Power-Distribution Switch
FC9516A FS-FC9516A Datasheet
796Kb / 12P
USB Power-Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com