Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2041 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2041
Description  HotSwitch??USB Power Distribution Switch With Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2041 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2041 Datasheet HTML 3Page - Semtech Corporation SC2041 Datasheet HTML 4Page - Semtech Corporation SC2041 Datasheet HTML 5Page - Semtech Corporation SC2041 Datasheet HTML 6Page - Semtech Corporation SC2041 Datasheet HTML 7Page - Semtech Corporation SC2041 Datasheet HTML 8Page - Semtech Corporation SC2041 Datasheet HTML 9Page - Semtech Corporation SC2041 Datasheet HTML 10Page - Semtech Corporation SC2041 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SC2041
© 2000 SEMTECH CORP.
HotSwitch™ USB Power Distribution
Switch With Shutdown
July 18, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
7
Figure 1: Output Turn On Delay and Rise Time with
0.1µF Output Capacitor and No Load
TYPICAL CHARACTERISTICS (Cont.)
Figure 2: Output Turn On Delay and Rise Time with
1µF Output Capacitor and 10
Ω
Ω
Ω
Ω Load
Top Trace: V
SHDN, 5V/div.
Bottom Trace: V
OUT, 2V/div.
Timebase: 1ms/div.
V
IN = 5V, ROUT = 10Ω, COUT = 1µF
Top Trace: V
SHDN, 5V/div.
Bottom Trace: V
OUT, 2V/div.
Timebase: 1ms/div.
V
IN = 5V, ROUT = open, COUT = 0.1µF
Figure 4: Current Limit and Trip Threshold With
Ramped Load on Enabled Device
Top Trace: V
OUT, 5V/div.
Bottom Trace: I
OUT, 0.5A/div.
Timebase: 100ms/div.
V
IN = 5V, ROUT ramping from open to 1.1Ω, COUT = 22µF
Top Trace: V
OUT, 5V/div.
Bottom Trace: I
OUT, 0.5A/div.
Timebase: 100ms/div.
V
IN = 5V, ROUT ramping from open to 1.1Ω, COUT = 22µF
Figure 3: Output Turn Off Delay and Fall Time with
1µF Output Capacitor and 10
Ω
Ω
Ω
Ω Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com