Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS-L Datasheet(PDF) 3 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 3 Page - TDK Electronics

  SWS-L Datasheet HTML 1Page - TDK Electronics SWS-L Datasheet HTML 2Page - TDK Electronics SWS-L Datasheet HTML 3Page - TDK Electronics SWS-L Datasheet HTML 4Page - TDK Electronics SWS-L Datasheet HTML 5Page - TDK Electronics SWS-L Datasheet HTML 6Page - TDK Electronics SWS-L Datasheet HTML 7Page - TDK Electronics SWS-L Datasheet HTML 8Page - TDK Electronics SWS-L Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Low Profile
The Best Power Solution for Display Technologies
The SWS-L series is designed to have a lower
profile than previous models. With the thin of
61mm, a 50% size reduction, these can be
mounted in 2U or smaller locations. Compact
size SWS-L is ideal for applications incl.
electronic display, vending machines and self
service kiosks.
Low Fan Noise
The SWS-L is one of the quietest power supplies
in their class. A temperature controlled fan
adjusts its speed automatically, based on the
temperatures surrounding the power supply. This
substantially reduces annoying fan noise and
wasted power consumption.
One of key purposes of SWS-L is to meet trends in
LED display technologies. Users will appreciate the
many features of SWS-L, especially its compact
size. These supplies are the slimmest in their class.
Acoustic noise is substantially reduced, which is
important for indoor applications, while wide
temperature ranges make it ideal for outdoor
applications. With full conformance to international
safety and EMC standards, designed-in reliability
and extended field-life span, SWS-L reduces cost of
ownership by saving the expenditures associated
with maintenance, system down-time, and repair
costs. Overall, Lambda always provides our
customers with the best power solutions by
combining extensive industry/market research with
our advanced R&D expertise, ensuring that our
power supplies will continue to evolve with technol-
ogy trends.
Model name identification method
Product line-up
Medically Approved for SWS1000L
Complying fully with EN/UL60601 safety standards
including low earth leakage current and reinforced
isolation, SWS1000L will also meet class B
EMI and is the ideal choice for your medical
power needs.
Wide operating temperature range
--Improvement in output ratings
To operate reliably in outdoor environments a
wide operating temperature range is necessary.
SWS-L is designed to operate between -20℃ to
74℃. At its max. temperature, 74℃, 50% of the
max. power rating is guaranteed.
Option
Blank : Standard type
/RF : Reversed fan model
(Exhausted cooling)
Rated Output Voltage
Output Power type
Series Name
600W
1000W
Output Voltage
3.3V
5V
12V
15V
24V
36V
48V
60V
( )=Peak
SWS 600 L–5□
p
Output Current
p
120A
120A
53A
43A
27((31))A
18A
13((15))A
10A
Model
SWS600L-3
SWS600L-5
SWS600L-12
SWS600L-15
SWS600L-24
SWS600L-36
SWS600L-48
SWS600L-60
p
Output Current
p
200A
200A
88A
70A
44((51))A
29A
22((25))A
17
Model
SWS1000L-3
SWS1000L-5
SWS1000L-12
SWS1000L-15
SWS1000L-24
SWS1000L-36
SWS1000L-48
SWS1000L-60
We are able to add conformal coating on PCB base on customer
requirement for some specified applications upon request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com