Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS-L Datasheet(PDF) 9 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 9 Page - TDK Electronics

Back Button SWS-L Datasheet HTML 5Page - TDK Electronics SWS-L Datasheet HTML 6Page - TDK Electronics SWS-L Datasheet HTML 7Page - TDK Electronics SWS-L Datasheet HTML 8Page - TDK Electronics SWS-L Datasheet HTML 9Page - TDK Electronics SWS-L Datasheet HTML 10Page - TDK Electronics SWS-L Datasheet HTML 11Page - TDK Electronics SWS-L Datasheet HTML 12Page - TDK Electronics SWS-L Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
・All specifications are subject to change without notice.
SWS 600L, 1000L
SWS-L Instruction Manual
Be sure to read the following precautions thoroughly before using
this power supply unit.
Pay attention to all warnings and cautions before using the unit.
Incorrect usage could lead to an electric shock, damage or a fire
hazard.
● Do not make unauthorized changes to power supply unit, other-
wise you may have electric shock and void warranty.
● Do not touch the internal components, they may have high volt-
age or high temperature. You may get electric shock or burned.
● When the unit is operating, keep your hands and face away
from it, an accident may injure you.
● Do not use unit under unusual condition such as emission of
smoke or abnormal smell and sound etc. It might cause fire and
electric shock.
In such case, please contact us; do not repair by yourself, as it
is dangerous for the user.
● Do not drop or insert anything into unit. It might cause failure
and fire, when using the unit under such condition.
● Do not operate these units at the condition of condensation. It
may cause fire and electric shock.
● The outputs of these products must be earthed in the end use
equipment to maintain SELV. If the outputs are not earthed,
they must be considered hazardous and must not be made
user accessible. The output and control terminals of SWS600L-48
and SWS600L-48 / RF, SWS1000L-48 and SWS1000L48/RF are
ELV. The output and control terminals of SWS600L-60 and
SWS600L-60 / RF, SWS1000L-60 and SWS1000L60/RF are
hazardous voltage. These terminals must not be user and service
person accessible.
● This power supply is capable of providing hazardous energy
output (240VA), the end equipment manuafacturer must provide
protection to service personal against inadvertent contact with
output terminals. These terminals must not be user accessible.
● This power supply is primarily designed and manufactured to
use and enclose in other equipment.
● This power supply unit has a built-in fan for air-cooling. Do not
block air intake and exhaust. It might cause fire.
● Input voltage, output current, output power, ambient temperature
and ambient humidity should be within specifications, otherwise
the unit will be damaged.
● The unit might be broken down by accident or unexpected
situation. For application equipment, which requires very high
reliability (nuclear related equipment, traffic control equipment,
medical equipment, etc.), please provide fail safety function in
the equipment.
● Do not make an improper wiring to input and output terminals.
It may cause damage.
● Do not use in environment such as strong electromagnetic field,
erosive gas etc, or any environment where conductive foreign
substance may enter.
● Do not operate and store this unit at the condition of condensa-
tion. In such case, waterproof treatment is necessary.
● Do not operate this unit after it falls down.
● The output voltage of this power supply is considered to be
hazardous energy level, and must not be accessible to an operator.
BEFORE USING THE POWER SUPPLY UNIT
WARNING
CAUTION
SWS 600 L – 5
□
1. Model name identification method
(*1)
: Option Model
Blank : Standard type
/RF
: Reversed fan model
(Exhausted cooling)
Option (*1)
Rated Output Voltage
Output Power type
Series name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com