Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS-L Datasheet(PDF) 12 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 12 Page - TDK Electronics

Back Button SWS-L Datasheet HTML 8Page - TDK Electronics SWS-L Datasheet HTML 9Page - TDK Electronics SWS-L Datasheet HTML 10Page - TDK Electronics SWS-L Datasheet HTML 11Page - TDK Electronics SWS-L Datasheet HTML 12Page - TDK Electronics SWS-L Datasheet HTML 13Page - TDK Electronics SWS-L Datasheet HTML 14Page - TDK Electronics SWS-L Datasheet HTML 15Page - TDK Electronics SWS-L Datasheet HTML 16Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
・All specifications are subject to change without notice.
SWS 600L, 1000L
Input Voltage Range
Input voltage range is single phase 85
- 265VAC (47 - 63Hz) or
120 - 350VDC. Input voltage, which is out of specification, may
cause unit damage. Rated input voltage for safety standard
application is 100AC-240VAC (50/60Hz).
Output Voltage Range
Output voltage is set to the rated value at shipment. V.ADJ trim-
mer on the front panel side can be used to adjust the output
voltage within the range specified (refer to specifications for
adjustable range).
To turn the trimmer clockwise, the output voltage will be in-
creased. Take note when the output voltage is increased ex-
cessively, over voltage protection (OVP) function may trigger
and output voltage will be shut down.
Over Voltage Protection (OVP)
The OVP function (inverter shutdown method, manual re-
set type) is provided. OVP function operates within
specified
range (refer to specification) of the rated output voltage value
and the output will be shut down when OVP function triggers
(refer to specifications for OVP range of each models). To reset
OVP, remove the input of power supply for a few minutes, and
then re-input. Or, use CNT to reset (remote ON/OFF : OFF to
ON). OVP value is fixed and not to be adjusted externally. Never
apply more than rated output voltage to output terminal, which
may lead to damage. In the case of inductive load, use decou-
pling diode at output line.
Over Current Protection (OCP)
The OCP function is provided. OCP characteristic is constant
current limiting, automatic recovery. OCP function operates
when the output current exceeds 105% (24V output model:
101% of peak current) of maximum DC output current speci-
fication. The output will be automatically recovered when the
overload condition is cancelled. Never operate the unit under
over current or shorted conditions for more than 30 seconds,
which may lead to damage. OCP setting is fixed and not to be
adjusted externally.
Over Temperature Protection (OTP)
The OTP function (manual reset type) is provided. When ambi-
ent or internal temperature rises abnormally, OTP function op-
erates and output will be shut down. After shut down, remove
the input and cool it down to reset OTP. Then re-input.
Power Failure Detection Circuit (ALM)
Power failure detection circuit is provided. ALM (Alarm) signal
will turn“High”level to indicate the abnormal status when con-
verter stops. Please take note in parallel or N+1 operation at light
load condition, maybe only one of the power supply operates
and other power supply stops. When the built-in FAN motor of
this power supply unit stops, ALM signal will turn to “High” too.
If the output voltage is decreased to less than 20% of rated
voltage, or decreased rapidly through an external adjustment
mechanism when load is light, the ALM signal may turn “High”.
The ALM signal is isolated from input and output by a photo-
mosfet. It uses the open collector method shown as below.
Remote Sensing (+S, -S terminal)
This function compensates voltage drop of wiring from output
terminals to load terminals. Connect “+S” terminal to “+” termi-
nal of load and “-S” terminal to “-” terminal of load with sensing
wires. The total line voltage drop (+ side line and - side line) shall
be less than 0.3V. In case that sensing lines are too long, it is
necessary to put an electrolytic capacitor in following places.
(1) across the load terminal,
(2) between “+S” terminal and “+V” terminal,
(3) between “-S” terminal and “-V” terminal.
When the function of remote sensing is not used, connect +S
terminal to +Vm terminal, and -S terminal to -Vm terminal by the
attachment connector.
If remote sensing terminals are opened, the stability and the
accuracy of the output deteriorated. Therefore, terminal +S, -S
must be connected.
Remote ON/OFF Control
Remote ON/OFF control is provided.
Using this function, output on/off is allowed to control without
input voltage on/off.
(1) The maximum input voltage to CNT2 terminal is 12V, and the
maximum allowable reverse voltage is -1V; Current flow into
CNT2 is 5mA typical and 12mA maximum.
(2) A switch and relay or a transistor can be used as ON/OFF switch.
(3) Remote ON/OFF control circuit is isolated from the input
and output by a photo-coupler and can be controlled re-
gardless of the output potential (+ or -). Connect TOG termi-
nal to ground of control signal.
Specifications of remote ON/OFF
CNT2-TOG current or voltage condition:
Connection method
(a)
(b)
(c)
SW Logic
Output on
SW open
(0.1mA max)
SW open
(0.1mA max)
SW close
(0.5V max)
Output off
SW close
(3mA min)
SW close
(3mA min)
SW open
(0.1mA max)
Pin
CNT2, TOG
CNT1, CNT2, TOG, G2 CNT1, CNT2, TOG, G2
Imax=10mA
ALM
G1
Vmax=50V
+
CN1
+Vm
+S
-S
-Vm
-V
+V
Load
+
-
+
4. Functions and Precautions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com