Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS-L Datasheet(PDF) 8 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 8 Page - TDK Electronics

Back Button SWS-L Datasheet HTML 4Page - TDK Electronics SWS-L Datasheet HTML 5Page - TDK Electronics SWS-L Datasheet HTML 6Page - TDK Electronics SWS-L Datasheet HTML 7Page - TDK Electronics SWS-L Datasheet HTML 8Page - TDK Electronics SWS-L Datasheet HTML 9Page - TDK Electronics SWS-L Datasheet HTML 10Page - TDK Electronics SWS-L Datasheet HTML 11Page - TDK Electronics SWS-L Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
・All specifications are subject to change without notice.
Block Diagram
L
FG
N
INPUT
85
∼265VAC
CNT1
AUX
TRANSFORMER
CURRENT
SHARING
CIRCUIT
VOLTAGE
ADJUST
REMOTE
CONTROL
OVP
SENSING
OCP
CIRCUIT
OVP
CIRCUIT
CONTROL
CIRCUIT
RECTIFIER
AND
SMOOTHING
FILTER
MAIN
TRANSFORMER
SWITCHING
CIRCUIT
CURRENT
SENSING
CONTROL
CIRCUIT
SMOOTHING
FILTER
INRUSH
CURRENT
LIMIT
CIRCUIT
G2
G2
AUX
AUX
SECONDARY
PRIMARY
G1
COM
COM
COM
CNT2
TOG
NC
PV
+S
ALM
PC
-S
+Vm
-Vm
-V
+V
OUTPUT
ALARM
FAN
PFC
CIRCUIT
RECTIFIER
LINE
FILTER
Sequence Time Chart
SWS1000L
* INPUT VOLTAGE RANGE : 85
∼ 265VAC
* FUSE RATING : 20A
* PFC FREQUENCY : 130kHz BOOST MODE
* DC-DC FREQUENCY : 200kHZ FORWARD
SWS600L
* INPUT VOLTAGE RANGE : 85
∼ 265VAC
* FUSE RATING : 15A
* PFC FREQUENCY : 100kHz BOOST MODE
* DC-DC FREQUENCY : 300kHz FORWARD
AC Input
Output voltage
(DC-DC Converter)
REMOTE
ON/OFF
ALM
Vout
0V
H(ALM)
H(CNT)
L(G1)
L(TOG)
INPUT ON
REMOVE
OFF
REMOVE
ON
OVP
INPUT
OFF
INPUT
ON
INPUT
OFF
INPUT
OFF
INPUT
ON
OCP
OCP
DISABLE
FAN
STOP
OTP,
CONVERTER
FAILURE
SWS 600L, 1000L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com