Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS-L Datasheet(PDF) 10 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 10 Page - TDK Electronics

Back Button SWS-L Datasheet HTML 6Page - TDK Electronics SWS-L Datasheet HTML 7Page - TDK Electronics SWS-L Datasheet HTML 8Page - TDK Electronics SWS-L Datasheet HTML 9Page - TDK Electronics SWS-L Datasheet HTML 10Page - TDK Electronics SWS-L Datasheet HTML 11Page - TDK Electronics SWS-L Datasheet HTML 12Page - TDK Electronics SWS-L Datasheet HTML 13Page - TDK Electronics SWS-L Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
・All specifications are subject to change without notice.
SWS 600L, 1000L
Please pay extra attention to the wiring. Incorrect connection
will damage the power supply.
Front Panel Explanation
SWS600L
SWS1000L
① V.ADJ : Output voltage adjustment trimmer.
(The output voltage rises when a trimmer is turned clockwise.)
② ON : Output (Power on) indication LED
(The indicator turns on when the power supply output is in
normal operating condition.)
③ CN1, CN2, CN3 : Remote sensing, ON/OFF control signal,
current balance signal, power fail alarm, auxiliary output,
output voltage external control signal. (Refer to 1-2.)
④ : Protective earth (Frame ground), M4 screw.
(SWS1000L: M4 screw x 2)
⑤ AC input terminal L : Live line (Fuse in line), M4 screw.
⑥ AC input terminal N : Neutral line, M4 screw.
⑦ + : + Output terminal
(SWS600L: M5 screw x 2 / SWS1000L:
φ9hall, M4 tapped hall x 2)
⑧ - : - Output terminal
(SWS600L: M5 screw x 2 / SWS1000L:
φ9hall, M4 tapped hall x 2)
CN1, CN 2 , CN 3 Con n ec tor p i n
Configuration and Function
CN1 and CN2 are same pin configuration and function. They are
connected to each other in this power supply unit. When the pin
of CN1 side is shorted, the same function pins of CN2 side are
also shorted. Please note that the function cannot be separately
set with CN1 and CN2.
CN1, CN2
Pin No
Config-
uration
Function
1
+Vm
+OUTPUT VOLTAGE MONITOR
2+S
+SENSING
3
-Vm
-OUTPUT VOLTAGE MONITOR
4-S
-SENSING
5N.C.
NO CONNECTION
6
PC
CURRENT BALANCE
7
PV
ADJUSTMENT OF OUTPUT VOLTAGE
8
COM
GROUND FOR PC AND PV SIGNAL
9
CNT2
REMOTE ON/OFF (2)
10
TOG
GROUND FOR CNT2
CN3
Pin No
Config-
uration
Function
1
COM
GROUND FOR PC AND PV SIGNAL
2
COM
GROUND FOR PC AND PV SIGNAL
3
AUX
AUXILIARY OUTPUT (12V 0.1A)
4
CNT1
REMOTE ON/OFF (1)
5
G2
GROUND FOR AUX AND CNT1
6
G2
GROUND FOR AUX AND CNT1
7
ALM
ALARM
8G1
ALARM GROUND
CN1, CN2, CN3 Connector & Housing & Terminal Pin
PART DESCRIPTION
PART NAME
MANUFACT
PIN HEADER
S10B-PHDSS (CN1, CN2)
S8B-PHDSS (CN3)
J.S.T
SOCKET HOUSING
PHDR-10VS (CN1, CN2)
PHDR-8VS (CN3)
J.S.T
TERMINAL PINS
SPHD-002T-P05 (AWG28~24)
SPHD-001T-P05 (AWG26~22)
J.S.T
HAND CRIMPING
TOOL
YRS-620 (SPHD-002T-P0.5)
YC-610R (SPHD-001T-P0.5)
J.S.T
2. Terminal Explanation
①
②③
④
⑥
⑦
⑧
⑤
L
N
9
7
5
3
1
10
8
6
4
2
9
7
5
3
1
10
8
6
4
2
CN1
CN2
①
②
③
④
⑥
⑦
⑧
⑤
L
N
7
5
3
1
8
6
4
2
CN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com