Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS-L Datasheet(PDF) 7 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 7 Page - TDK Electronics

Back Button SWS-L Datasheet HTML 3Page - TDK Electronics SWS-L Datasheet HTML 4Page - TDK Electronics SWS-L Datasheet HTML 5Page - TDK Electronics SWS-L Datasheet HTML 6Page - TDK Electronics SWS-L Datasheet HTML 7Page - TDK Electronics SWS-L Datasheet HTML 8Page - TDK Electronics SWS-L Datasheet HTML 9Page - TDK Electronics SWS-L Datasheet HTML 10Page - TDK Electronics SWS-L Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
・All specifications are subject to change without notice.
SWS1000L Outline Drawing
OUTPUT DERATING CURVE
Ta (°C)
-20
-10
0
10
20
30
40
50
60
70
74
80
100
80
60
40
20
0
SWS1000L Output Derating
LN
V.ADJ
-
+
LN
V.ADJ
-
+
LN
V.ADJ
-
+
Mounting A
Mounting B
Mounting C
Don’t Use
Don’t Use
Don’t Use
(16.7) 4-M4
(14.7)
(50.7)
12 13
OUTPUT TERMINAL (+)
OUTPUT TERMINAL (-)
NAMEPLATE
NAME PLATE
22(MAX)
37(MAX)
29
AIR FLOW
165±0.5
240±1
3(MAX)
(BOTTOM SIDE)
SEE NOTE C
FG
FG
L
N
4-M4
2-ÿ9
17 9
29
165±0.5
(BOTH SIDES)
SEE NOTE C
CN2
CN3
LED
CN1
SWS1000L-24
AMBDA
L
AMBDA
L
R
== NAME PLATE ==
INPUT :100-240VAC
∼ 13.0A
50 / 60Hz
OUTPUT : 24V
44 A PEAK : 51A
BARCODE
TÜV
Rheinland
Product Safety
BAUART
GEPRÜFT
TYPE
APPROVED
MADE IN CHINA
SWS1000L-24
SEE NOTE B
SEE NOTE A
C
US
NOTES:
1:MODEL NAME, INPUT VOLTAGE RANGE, NOMINAL OUTPUT VOLTAGE, NOMINAL OUTPUT CURRENT AND PEAK OUTPUT CURRENT
ARE ON NAME PLATE IN ACCORDANCE WITH THE SPECIFICATIONS.
2:COUNTRY OF MANUFACTURE IS SHOWN HERE.
3:M4 TAPPED HOLES (12) FOR CUSTOMER CHASSIS MOUNTING. (SCREW PENETRATION DEPTH 6m/m MAX.)
SWS 1000L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com