Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS-L Datasheet(PDF) 16 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 16 Page - TDK Electronics

Back Button SWS-L Datasheet HTML 11Page - TDK Electronics SWS-L Datasheet HTML 12Page - TDK Electronics SWS-L Datasheet HTML 13Page - TDK Electronics SWS-L Datasheet HTML 14Page - TDK Electronics SWS-L Datasheet HTML 15Page - TDK Electronics SWS-L Datasheet HTML 16Page - TDK Electronics SWS-L Datasheet HTML 17Page - TDK Electronics SWS-L Datasheet HTML 18Page - TDK Electronics SWS-L Datasheet HTML 19Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
・All specifications are subject to change without notice.
SWS 600L, 1000L
5. Mounting Directions
Mounting Directions
Recommended standard mounting method is (A). Method (B)
and (C) are also possible.
Refer to the derating below.
SWS600L
SWS1000L
Output Derating
OUTPUT DERATING CURVE
Ta(
℃ )
Load
 (%)
Mounting A, B, C
- 20 to + 50
100
+ 74
50
*Output derating for both SWSS600L and SWS1000L
Ta(
℃ )
Load
 (%)
Mounting A, B, C
- 20 to + 30
100
+ 40
90
+ 50
75
+ 60
60
*Output derating for SWSS600L/RF Models.
Ta(
℃ )
Load
 (%)
Mounting A, B, C
- 20 to + 25
100
+ 60
50
*Output derating for SWS1000L/RF Models.
Mounting Method
(1) Forced air cooling type power supply.
This power supply has ventilating holes on the front and
back side panels. Keep these two areas freely as much as
possible.
(2) The maximum allowable penetration for screw is 6mm.
Incomplete thread of mounting screw should not be penetrated.
(3) Recommended torque for mounting screw : M4 screw : 1.27
N · m (13.0kgf · cm)
More than 50mm
Air flow
More than 50mm
Fan
Front Side
Top
Back Side
(C) Mounting C
(A) Mounting A
(B) Mounting B
(F) Inhibit
(D) Inhibit
(E) Inhibit
100
80
60
40
20
0
-20
-10
010
30
20
40
50
60
70 74 80
Ta
(℃)
Mounting A, B, C
100
80
60
40
20
0
-20
-10
010
30
20
40
50
60
70
80
Ta
(℃)
Mounting A, B, C
(C) Mounting C
(A) Mounting A
(B) Mounting B
(F) Inhibit
(D) Inhibit
(E) Inhibit
LN
V.ADJ
-
+
LN
V.ADJ
-
+
LN
V.ADJ
-
+
100
80
60
40
20
0
-20
-10
010
30
20
40
50
60
70
80
Ta
(℃)
Mounting A, B, C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com