Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS-L Datasheet(PDF) 17 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 17 Page - TDK Electronics

Back Button SWS-L Datasheet HTML 11Page - TDK Electronics SWS-L Datasheet HTML 12Page - TDK Electronics SWS-L Datasheet HTML 13Page - TDK Electronics SWS-L Datasheet HTML 14Page - TDK Electronics SWS-L Datasheet HTML 15Page - TDK Electronics SWS-L Datasheet HTML 16Page - TDK Electronics SWS-L Datasheet HTML 17Page - TDK Electronics SWS-L Datasheet HTML 18Page - TDK Electronics SWS-L Datasheet HTML 19Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
・All specifications are subject to change without notice.
SWS 600L, 1000L
(1) The output load line and input line shall be separated to
improve noise sensitivity.
(2) The sensing lines shall be twisted and separated from the
output lines for remote sensing.
(3) Use all lines as thick and short as possible to make lower
impedance, clamping core at both input and output wires
benefit EMI performance.
(4) Attaching a capacitor to the load terminals can eliminate noise.
(5) For safety and EMI considerations, connect terminal to the
mounting set ground terminal, power supply and load mount-
ing on aluminum plate is recommended for EMI setting.
(6) Recommended torque for the terminal :
SWS600L Input terminal (M4 screw)
: 1.27 N · m (13.0kgf · cm)
Output terminal (M5 screw)
: 2.5 N · m (25.5kgf · cm)
SWS1000L Input terminal (M4 screw)
: 1.27 N · m (13.0kgf · cm)
Output terminal (M8 bolt & nut) : 10.8 N · m (110kgf · cm)
(M4 screw)
: 1.27 N · m (13.0kgf · cm)
[The PHD connector manufacture method]
This product is using SPHD-001T-P0.5 or SPHD-002T-0.5 connec-
tor made from JAPAN SOLDERLESS TERMINAL MFG CO LTD.
Regarding to manufacture of a connector, it becomes the
regulation as following.
a). Appricable Wire and Crimping tool
Wire size is AWG#26 - AWG#22 and insulation outer dia is
φ1.0
-
φ1.5 mm.
Appreciable wire per barrel size is UL1007 (standard wire)
and its equivalent standard wire can be used. Regarding the
AWG#22, use UL1061 or its equivalent standard wire, because
wire insulation outer diameter of UL1061 is small.
Crimping tool is as below.
Crimping tool
Crimping applicator
Dies
AP-K2 or AP-KS MKS-LS-10 or MKS-L-10 SPHD-001-05/SPHD-002-05
b). Crimping Operation
The reference value of wire strip is 2.3mm. As wire strip length dif-
fers depending on type of wire and crimping method, decide the
best wire strip length considering processing condition. When
wire is stripped, do not damage or cut off wire conductors.
Table of crimp height
SPHD-001T-P0.5
Wire
Insulation O.D
(mm)
Crimp height (mm)
Type
Size
Conductor part Insulation part
UL1007
AWG #26
1.3
0.60 - 0.70
1.7
UL1007
AWG #24
1.5
0.65 - 0.75
1.8
UL1061
AWG #22
1.4
0.70 - 0.80
1.8
SPHD-002T-P0.5
Wire
Insulation O.D
(mm)
Crimp height (mm)
Type
Size
Conductor part Insulation part
UL1007
AWG #28
1.2
0.55 - 0.60
1.6
UL1007
AWG #26
1.3
0.60 - 0.65
1.7
UL1007
AWG #24
1.5
0.62 - 0.67
1.8
Note1. Crimp height at wire barrel should be set to pre-determined
dimensions.
Note2. Adjust crimp height at wire insulation barrel to the extent
that wire insulation is slightly pressed, and set it so that
crimping is not excessivery.
Note3. Crimping condition at wire insulation barrel is as below Fig.1.
Note4. For AWG#28, #26, #24, use UL1007 type. For AWG#22,
use UL1061 type.
Fig.1
Fig.2: Examples of defective crimping
Check of crimping appearance visually for correct crimping as
referring to above Fig.2. Check the tensile strength at crimped
part when operation finishes.
Table of tensile strength at crimped part.
SPHD-001T-P0.5
Wire size
Requirement N min.
Actual value N
UL1007 AWG#26
20
39.2
- 45.1
UL1007 AWG#24
30
68.6 - 74.5
UL1007 AWG#22
40
92.1 - 96.0
SPHD-002T-P0.5
Wire size
Requirement N min.
Actual value N
UL1007 AWG#28
15
27.0 - 34.3
UL1007 AWG#26
20
44.1 - 48.0
UL1007 AWG#24
30
66.6 - 71.5
c). Inserting contact into housing
Inserting crimped contact into housing
(1) Do not apply any pulling force to crimped part, and insert
contact parallel to housing.
(2) Insert contact into housing without stopping to innermost.
(3) Check secure locking per each insertion by pulling wire softly
in order to check that contact does not come off housing. Be-
sides, check whether there is the backlash in the direction of
insertion axis.
Defect example of slation insertion
d). Mating and Unmating Connector
(1) Inserting connector
Hold receptacle housing securely and insert into header
straight against to header post until click sounds.
(2) Unmating connector
Hold all wires securely and fix receptacle housing by fin-
gers so as to pry, and then, withdraw it on the mating axis.
e). Routing of Wire
Routing wire so as not to apply external force to connector ex-
cept force to such an extent that wire slightly buckles, consider-
ing an enough length to route and fixing of wire.
6. Wiring Method
Wire barrel bites wire
insulation.
Wire conductor protruding
length is long.
Wire conductor
comes off.
Wire conductor protruding
length is short.
Wire insulation is not
crimped sufficintry.
Cover of contacting part
Cover of contacting part
Contact
Housing
Insert with slanting
Fix receptacle housing Hold all wires
Header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com