Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS-L Datasheet(PDF) 13 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 13 Page - TDK Electronics

Back Button SWS-L Datasheet HTML 9Page - TDK Electronics SWS-L Datasheet HTML 10Page - TDK Electronics SWS-L Datasheet HTML 11Page - TDK Electronics SWS-L Datasheet HTML 12Page - TDK Electronics SWS-L Datasheet HTML 13Page - TDK Electronics SWS-L Datasheet HTML 14Page - TDK Electronics SWS-L Datasheet HTML 15Page - TDK Electronics SWS-L Datasheet HTML 16Page - TDK Electronics SWS-L Datasheet HTML 17Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
・All specifications are subject to change without notice.
SWS 600L, 1000L
(a)
Example V1:5V R1:620
Ω)
(b)
(c)
Fig.2.3 Examples of connecting remote ON/OFF circuit
Output Ripple & Noise
The standard specification for maximum ripple value is mea-
sured by measurement circuit as below. When load lines are
longer, ripple becomes larger. In this case, electrolytic capaci-
tor, film capacitor, etc. might be necessary to use across the
load terminal. The output ripple cannot be measured accurately
if the probe ground lead of oscilloscope is too long.
Series Operation
For series operation, both method (A) and (B) are possible.
There might be a step in the output rise waveform during series
operation.
Method (A)
Method (B)
Parallel Operation
Current balancing function is provided. Both operations mode
(A) and (B) are possible.
(A) To Increase the Output Current
Correct PC to PC terminal and COM to COM terminal, the current
balancing function activates and output current of each power
supply is equivalently supplied to load. Wires to PC terminals,
COM terminals shall be as short as possible and same length
and twisted.
(1) Adjust the output voltage of each power supply to be same
value within 1% or 100mV whichever is smaller.
(2) Use same length and type of wires for all load lines.
(3) Please make sure that the sum of output current values
does not exceed a value obtained from the right side of fol-
lowing equation.
Maximum of total output current in parallel operation
≤
Rated current per unit × Number of units × 0.9
(4) Parallel operation is possible up to 5 units.
(B) To Use as a Backup Power Supply
(1) Adjust the output voltage (Vo) of each power supply to be
same value within 1% or 100mV whichever is smaller.
(2) Set power supply output voltage higher to compensate the
forward voltage drop of diode.
(3) Use within the specifications for output voltage and output
current.
(4) When one of power supplies fails, the remaining non-failure
power supplies continue to maintain the output. If one of
the power supplies stop operating, the output voltage may
G2
TOG
CNT2
CNT1
AUX
SW
12V
typ
150
Ω
2.2K
Ω
G2
TOG
CNT2
CNT1
AUX
SW
12V
typ
150
Ω
2.2K
Ω
-
+
150mm
20MHz
Oscilloscope
Coaxial Cable
1.5m
Load
0.1µ
47µ
Power
Supply
Load
Power Supply
-Vm
-S
-Vm
-S
+Vm
+S
+Vm
+S
Load
Load
Power Supply
-Vm
-S
-Vm
-S
+Vm
+S
+Vm
+S
G2
TOG
CNT2
CNT1
V1
AUX
R1
SW
12V
typ
150
Ω
2.2K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com