Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS-L Datasheet(PDF) 5 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 5 Page - TDK Electronics

  SWS-L Datasheet HTML 1Page - TDK Electronics SWS-L Datasheet HTML 2Page - TDK Electronics SWS-L Datasheet HTML 3Page - TDK Electronics SWS-L Datasheet HTML 4Page - TDK Electronics SWS-L Datasheet HTML 5Page - TDK Electronics SWS-L Datasheet HTML 6Page - TDK Electronics SWS-L Datasheet HTML 7Page - TDK Electronics SWS-L Datasheet HTML 8Page - TDK Electronics SWS-L Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
・All specifications are subject to change without notice.
DC ON INDICATOR
OUTPUT VOLTAGE
ADJUSTMENT
CN3
CN1
CN2
NAME PLATE
NAME PLATE
20MAX
25MAX
6MAX
24
24
150±0.5
150±0.5
190±1
61±1
L
N
FG
ー
INPUT TERMINAL
3-M4
(45)
4-M5
4-M4
(AT THE BOTTOM CHASSIS)
8-M4
(ON BOTH SIDES)
AIR FLOW
18.6
OUTUT TERMINAL
NAME PLATE (SCALE : 1 : 1)
SEE NOTE 1
SEE NOTE 2
TERMINAL COVER
+
NOTES:
1:MODEL NAME, INPUT VOLTAGE RANGE, NOMINAL OUTPUT VOLTAGE, NOMINAL OUTPUT CURRENT
AND PEAK OUTPUT CURRENT ARE SHOWN ON THE NAME PLATE IN ACCORDANCE WITH THE SPECIFICATIONS
2:COUNTRY OF MANUFACTURE IS SHOWN ON THE NAME PLATE IN ACCORDANCE WITH THE SPECIFICATIONS
3:M4 TAPPED HOLES (12) FOR CUSTOMER CHASSIS MOUNTING (SCREW PENETRATION DEPTH 6m/m MAX.)
4:RECOMMENDED SCREW TORQUE
OUTPUT TERMINAL (M5 SCREW)=2.5N
・m
INPUT TERMINAL (M4 SCREW)=1.27N
・m
OUTPUT DERATING CURVE
Ta (°C)
-20
-10
0
10
20
30
40
50
60
70
74
80
100
80
60
40
20
0
SWS600L Outline Drawing
SWS600L Output Derating
5
Mounting A
Mounting B
Mounting C
Don’t Use
Don’t Use
Don’t Use
SWS 600L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com