Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS-L Datasheet(PDF) 6 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 6 Page - TDK Electronics

Back Button SWS-L Datasheet HTML 2Page - TDK Electronics SWS-L Datasheet HTML 3Page - TDK Electronics SWS-L Datasheet HTML 4Page - TDK Electronics SWS-L Datasheet HTML 5Page - TDK Electronics SWS-L Datasheet HTML 6Page - TDK Electronics SWS-L Datasheet HTML 7Page - TDK Electronics SWS-L Datasheet HTML 8Page - TDK Electronics SWS-L Datasheet HTML 9Page - TDK Electronics SWS-L Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
・All specifications are subject to change without notice.
SWS1000L Specifications
SWS 1000L
(*1) (
): Peak output current is possible at 170-265VAC input range, operating period at peak output current is less than 10sec, duty less than 35%.
Average output power and current is less than maximum output power and maximum output current.
(*2) At maximum output power, nominal input voltage, Ta=25°C.
(*3) For cases where conformance to various safety specs (UL, CSA, EN) are required, to be described as 100-240VAC, 50/60Hz on name plate.
(*4) First/second inrush current, not applicable for the in-rush current to noise filter for less than 0.2ms.
(*5) Ripple & noise are measured at 20MHz by using a 150mm twisted pair of load wires terminated with a 0.1uF film capacitor and a 47uF
electrolytic capacitor.
(*6) Measure line & load regulation at output terminal M4 tapped point.
(*7) 85-265VAC, constant load.
(*8) No load - full load (maximum power), constant input voltage.
(*9) Constant current limit with automatic recovery.
Avoid to operate at overload or dead short for more than 30 seconds.
(*10) OVP circuit will shutdown output, manual reset (remote ON/OFF control reset or re-power on).
(*11) Measured by each measuring method of UL, CSA, EN and DENAN (at 60Hz), Ta=25°C.
Worst case: <0.3mA at 264VAC, 63Hz (normal condition); <0.5mA (single fault condition)
(*12) Refer to output derating curve for details of output derating versus ambient temperature.
- Load (%) is percent of maximum output power and maximum output current (Item 2 and 3).
Do not exceed derating of maximum output power and maximum output current.
- 100% load start up at -40°C is possible. However, it may not fulfil all the specifications.
(*13) Category 4 exposure levels: Trunk transportation over U.S. highways, composite two-wheeled trailer.
(*14) As for DENAN, designed to meet at 100VAC.
ITEMS/UNITS
MODEL SWS1000L-3 SWS1000L-5 SWS1000L-12 SWS1000L-15 SWS1000L-24 SWS1000L-36 SWS1000L-48 SWS1000L-60
Input
Voltage Range
(*3)
V
AC85-265 or DC120-350
Frequency
(*3)
Hz
47-63
Power Factor (115/230VAC) (typ) (*2)
0.98 / 0.95
Efficiency (115/230VAC) (typ) (*2)
×
75 / 77
79 / 81
82 / 84
84 / 86
Current (115/230VAC) (typ) (*2)
A
8 / 4
12 / 6
Inrush Current (typ)
(*4)
A
20A/40A at 115VAC, 40A/40A at 230VAC, Ta=25°C (first inrush/second inrush)
Leakage Current (typ)
(*11)
mA
0.1mA at 115VAC, 60Hz / 0.2mA at 230VAC, 60Hz
Output
Nominal Voltage
VDC
3.3
5
12
15
24
36
48
60
Maximum Current (Peak Current) (*1)
A
200
88
70
44 (51)
29
22 (25)
17
Maximum Power (Peak Power) (*1)
W
660
1000
1056
1050
1056 (1224)
1044
1056 (1200)
1020
Maximum Line Regulation (*6)(*7)
mV
20
48
60
96
144
192
240
Maximum Load Regulation (*6)(*8)
mV
30
72
90
144
216
288
360
Temperature Coefficient
Less than 0.02%/°C
Maximum Ripple & Noise (115/230VAC) (0
≤Ta≤74°C) (*5) mVp-p
120
150
200
Maximum Ripple & Noise (115/230VAC) (-20
≤Ta<0°C) (*5) mVp-p
160
180
240
Hold-up Time (115/230VAC) (typ) (*2)
ms
20
Voltage Adjustable Range
VDC 2.64-3.96
4.0-6.0
9.6-14.4
12.0-19.5 19.2-28.8 28.8-43.2 38.4-56.0 48.0-66.0
Function
Over Current Protection
(*9)
A
>210
>92.4
>73.5
>51.6
>30.5
>25.3
>17.9
Over Voltage Protection (*10) VDC 4.12-5.61 6.25-7.25 15.0-17.4 20.2-23.4 30.0-34.8 45.0-52.2 58.5-68.2 69.0-81.0
Remote Sensing
Possible
Remote ON/OFF Control
Possible
Parallel Operation
Possible
Series Operation
Possible
Monitoring Signal
ALM ( Open Collector Output )
Line DIP
Designed to meet SEMI-F47 (200VAC line only)
Environment
Operating Temperature (*12)
×
-20 to +74 °C (-20°C to +50°C: 100%, +74°C: 50%), 100% load start up at -40°C
Storage Temperature
×
-40 to +85°C
Operating Humidity
×RH
20-90 (No dewdrop)
Storage Humidity
×RH
10-95 (No dewdrop)
Vibration
(*13)
Designed to meet MIL-STD-810F 514.5 Category 4, 10
Shock (In package)
Designed to meet MIL-STD-810F 516.5 Procedure I,VI
Cooling
Forced air by build-in fan
Isolation
Withstand Voltage
Input - Output : 4.0kVAC (20mA), Input - FG : 2.0kVAC (20mA) Output - FG : 500VAC (100mA)
(60V model: 651VAC(130mA)), Output - CNT/ALM/AUX : 100VAC (100mA) for 1min.
Isolation Resistance
Input - FG, Input - Output and Output - FG: More than 50M
Ω (500VDC),
Output - CNT/ALM/AUX: More than 50M
Ω (100VDC) at Ta=25°C and 70%RH
Standards
Safety Standards
(*14)
Approved by UL60950-1, CSA60950-1, EN60950-1, EN50178, UL60601-1, EN60601-1,
CSA-C22.2 No.601.1-M90 Designed to meet DENAN, EN61010-1.
PFHC
Designed to meet IEC61000-3-2
EMI
Designed to meet VCCI-B, FCC-B, EN55011/EN55022-B
Immunity
Designed to meet EN61000-4-2 (Level 2,3), -3 (Level 3), -4 (Level 3), -5 (Level 3,4), -6 (Level 3), -8 (Level 4), -11
Mechanical
Weight (typ)
g
2.3kg
Size (W×H×D)
mm
150 x 61 x 240 (Refer to Outline Drawing)
A
47μ
0.1μ
+
+V
150mm
-V
Fig.A
Measurement point for Ripple and Noise.
Measurement point for Vo Line/Load Regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com