Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 27Page - Texas Instruments TMS570LS3137 Datasheet HTML 28Page - Texas Instruments TMS570LS3137 Datasheet HTML 29Page - Texas Instruments TMS570LS3137 Datasheet HTML 30Page - Texas Instruments TMS570LS3137 Datasheet HTML 31Page - Texas Instruments TMS570LS3137 Datasheet HTML 32Page - Texas Instruments TMS570LS3137 Datasheet HTML 33Page - Texas Instruments TMS570LS3137 Datasheet HTML 34Page - Texas Instruments TMS570LS3137 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 159 page
background image
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
2.4.2.12 External Memory Interface (EMIF)
Table 2-34. External Memory Interface (EMIF)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
337
ZWT
EMIF_CKE
L3
Output
Pull Down
-
EMIF Clock Enablen
EMIF_CLK
K3
I/O
EMIF clock. This is an
output signal in functional
mode. It is gated off by
default, so that the signal
is tri-stated. PINMUX29[8]
must be cleared to enable
this output.
EMIF_nWE/EMIF_RNW
D17
Output
Pull Up
-
EMIF Read-Not-Write
ETMDATA[13]/EMIF_nOE
E12
Pull Down
-
EMIF Read Enable
EMIF_nWAIT
P3
I/O
Pull Up
Fixed, 20uA
EMIF Extended Wait
Signal
EMIF_nWE/EMIF_RNW
D17
Output
Pull Up
-
EMIF Write Enable.
EMIF_nCAS
R4
Output
EMIF column address
strobe
EMIF_nRAS
R3
Output
EMIF row address strobe
EMIF_nCS[0]/RTP_DATA[15]/N2HET2[7]
N17
Output
EMIF chip select,
synchronous
EMIF_nCS[2]
L17
Output
EMIF chip selects,
asynchronous
EMIF_nCS[3]/RTP_DATA[14]/N2HET2[9]
K17
Output
This applies to chip
EMIF_nCS[4]/RTP_DATA[07]
M17
Output
selects 2, 3 and 4
Copyright
© 2011, Texas Instruments Incorporated
Device Package and Terminal Functions
31
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com