Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 28Page - Texas Instruments TMS570LS3137 Datasheet HTML 29Page - Texas Instruments TMS570LS3137 Datasheet HTML 30Page - Texas Instruments TMS570LS3137 Datasheet HTML 31Page - Texas Instruments TMS570LS3137 Datasheet HTML 32Page - Texas Instruments TMS570LS3137 Datasheet HTML 33Page - Texas Instruments TMS570LS3137 Datasheet HTML 34Page - Texas Instruments TMS570LS3137 Datasheet HTML 35Page - Texas Instruments TMS570LS3137 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 159 page
background image
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
Table 2-34. External Memory Interface (EMIF) (continued)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
337
ZWT
ETMDATA[15]/EMIF_nDQM[0]
E10
Output
Pull Down
-
EMIF Data Mask or Write
Strobe.
ETMDATA[14]/EMIF_nDQM[1]
E11
Output
Data mask for SDRAM
devices, write strobe for
connected asynchronous
devices.
ETMDATA[12]/EMIF_BA[0]
E13
Output
EMIF bank address or
address line
EMIF_BA[1]/N2HET2[5]
D16
Output
EMIF bank address or
address line
EMIF_ADDR[0]/N2HET2[1]
D4
Output
EMIF address
EMIF_ADDR[1]/N2HET2[3]
D5
Output
ETMDATA[11]/EMIF_ADDR[2]
E6
Output
ETMDATA[10]/EMIF_ADDR[3]
E7
Output
ETMDATA[09]/EMIF_ADDR[4
E8
Output
ETMDATA[08]/EMIF_ADDR[5]
E9
Output
EMIF_ADDR[6]/RTP_DATA[13]
C4
Output
EMIF_ADDR[7]/RTP_DATA[12]
C5
Output
EMIF_ADDR[8]/RTP_DATA[11]
C6
Output
EMIF_ADDR[9]/RTP_DATA[10]
C7
Output
EMIF_ADDR[10]/RTP_DATA[09]
C8
Output
EMIF_ADDR[11]/RTP_DATA[08]
C9
Output
EMIF_ADDR[12]/RTP_DATA[06]
C10
Output
EMIF_ADDR[13]/RTP_DATA[05]
C11
Output
EMIF_ADDR[14]/RTP_DATA[04]
C12
Output
EMIF_ADDR[15]/RTP_DATA[03]
C13
Output
EMIF_ADDR[16]/RTP_DATA[02]
D14
Output
EMIF_ADDR[17]/RTP_DATA[01]
C14
Output
Pull Down
-
EMIF_ADDR[18]/RTP_DATA[0]
D15
Output
EMIF_ADDR[19]/RTP_nENA
C15
Output
EMIF_ADDR[20]/RTP_nSYNC
C16
Output
EMIF_ADDR[21]/RTP_CLK
C17
Output
ETMDATA[16]/EMIF_DATA[0]
K15
I/O
Pull Down
Fixed, 20uA
EMIF Data
ETMDATA[17]/EMIF_DATA[1]
L15
I/O
ETMDATA[18]/EMIF_DATA[2]
M15
I/O
ETMDATA[19]/EMIF_DATA[3]
N15
I/O
ETMDATA[20]/EMIF_DATA[4]
E5
I/O
ETMDATA[21]/EMIF_DATA[5]
F5
I/O
ETMDATA[22]/EMIF_DATA[6]
G5
I/O
ETMDATA[23]/EMIF_DATA[7]
K5
I/O
ETMDATA[24]/EMIF_DATA[8]
L5
I/O
ETMDATA[25]/EMIF_DATA[9]
M5
I/O
ETMDATA[26]/EMIF_DATA[10]
N5
I/O
ETMDATA[27]/EMIF_DATA[11]
P5
I/O
ETMDATA[28]/EMIF_DATA[12]
R5
I/O
ETMDATA[29]/EMIF_DATA[13]
R6
I/O
ETMDATA[30]/EMIF_DATA[14]
R7
I/O
ETMDATA[31]/EMIF_DATA[15]
R8
I/O
32
Device Package and Terminal Functions
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com