Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 12Page - Texas Instruments TMS570LS3137 Datasheet HTML 13Page - Texas Instruments TMS570LS3137 Datasheet HTML 14Page - Texas Instruments TMS570LS3137 Datasheet HTML 15Page - Texas Instruments TMS570LS3137 Datasheet HTML 16Page - Texas Instruments TMS570LS3137 Datasheet HTML 17Page - Texas Instruments TMS570LS3137 Datasheet HTML 18Page - Texas Instruments TMS570LS3137 Datasheet HTML 19Page - Texas Instruments TMS570LS3137 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 159 page
background image
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
2.4.1.3
General-Purpose Input / Output (GIO)
Table 2-6. PGE General-Purpose Input / Output (GIO)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
144
PGE
GIOA[2]/N2HET2[0]
9
I/O
Pull Down
Programmable,
General-purpose I/O.
20uA
All GIO terminals are
GIOA[5]/EXTCLKIN
14
capable of generating
GIOA[6]/N2HET2[4]
16
interrupts to the CPU on
rising / falling / both
GIOA[7]/N2HET2[6]
22
edges.
2.4.1.4
FlexRay Interface Controller (FlexRay)
Table 2-7. FlexRay Interface Controller (FlexRay)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
144
PGE
FRAYRX1
126
Input
Pull Down
Fixed, 100uA
FlexRay data receive
(channel 1)
FRAYTX1
133
Output
-
-
FlexRay data transmit
(channel 1)
FRAYTXEN1
142
Output
FlexRay transmit enable
(channel 1)
FRAYRX2
2
Input
Pull Down
Fixed, 100uA
FlexRay data receive
(channel 2)
FRAYTX2
1
Output
-
-
FlexRay data transmit
(channel 2)
FRAYTXEN2
5
Output
FlexRay transmit enable
(channel 2)
2.4.1.5
Controller Area Network Controllers (DCAN)
Table 2-8. PGE Controller Area Network Controllers (DCAN)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
144
PGE
CAN1RX
90
I/O
Pull Up
Programmable,
CAN1 receive, or GIO
20uA
CAN1TX
89
CAN1 transmit, or GIO
CAN2RX
129
CAN2 receive, or GIO
CAN2TX
128
CAN2 transmit, or GIO
CAN3RX
12
CAN3 receive, or GIO
CAN3TX
13
CAN3 transmit, or GIO
2.4.1.6
Local Interconnect Network Interface Module (LIN)
Table 2-9. PGE Local Interconnect Network Interface Module (LIN)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
144
PGE
LINRX
131
I/O
Pull Up
Programmable,
LIN receive, or GIO
20uA
LINTX
132
LIN transmit, or GIO
16
Device Package and Terminal Functions
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com