Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 3 Page - Texas Instruments

  TMS570LS3137 Datasheet HTML 1Page - Texas Instruments TMS570LS3137 Datasheet HTML 2Page - Texas Instruments TMS570LS3137 Datasheet HTML 3Page - Texas Instruments TMS570LS3137 Datasheet HTML 4Page - Texas Instruments TMS570LS3137 Datasheet HTML 5Page - Texas Instruments TMS570LS3137 Datasheet HTML 6Page - Texas Instruments TMS570LS3137 Datasheet HTML 7Page - Texas Instruments TMS570LS3137 Datasheet HTML 8Page - Texas Instruments TMS570LS3137 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 159 page
background image
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
1.3
Description
The TMS570LS3137 is a high performance automotive grade microcontroller family for safety systems.
The safety architecture includes Dual CPUs in lockstep, CPU and Memory Built-In Self Test (BIST) logic,
ECC on both the Flash and the data SRAM, parity on peripheral memories, and loop back capability on
peripheral IOs.
The TMS570LS3137 integrates the ARM
® Cortex™-R4F Floating Point CPU which offers an efficient 1.6
DMIPS/MHz, and has configurations which can run up to 180MHz providing up to 288 DMIPS. The device
supports the big-endian [BE32] format.
The TMS570LS3137 has up to 3MB integrated Flash and up to 256KB data RAM configurations with
single bit error correction and double bit error detection. The flash memory on this device is a nonvolatile,
electrically erasable and programmable memory implemented with a 64-bit-wide data bus interface. The
flash operates on a 3.3V supply input (same level as I/O supply) for all read, program and erase
operations. When in pipeline mode, the flash operates with a system clock frequency of up to 180MHz.
The SRAM supports single-cycle read/write accesses in byte, halfword, and word modes.
The TMS570LS3137 device features peripherals for real-time control-based applications, including two
Next Generation High End Timer (N2HET) timing coprocessors with up to 44 total IO terminals and a
12-bit Analog-to-Digital converter supporting up to 24 inputs.
The N2HET is an advanced intelligent timer that provides sophisticated timing functions for real-time
applications. The timer is software-controlled, using a reduced instruction set, with a specialized timer
micromachine and an attached I/O port. The N2HET can be used for pulse width modulated outputs,
capture or compare inputs, or general-purpose I/O. It is especially well suited for applications requiring
multiple sensor information and drive actuators with complex and accurate time pulses. A High End Timer
Transfer Unit (HET-TU) can perform DMA type transactions to transfer N2HET data to or from main
memory. A Memory Protection Unit (MPU) is built into the HET-TU.
The device has two 12-bit-resolution MibADCs with 24 total channels and 64 words of parity protected
buffer RAM each. The MibADC channels can be converted individually or can be grouped by software for
sequential conversion sequences. Sixteen channels are shared between the two MibADCs. There are
three separate groupings. Each sequence can be converted once when triggered or configured for
continuous conversion mode.
The device has multiple communication interfaces: three MibSPIs, up to two SPIs, one LIN, one SCI, three
DCANs, one I2C, one Ethernet, and one FlexRay
™ controller. The SPI provides a convenient method of
serial interaction for high-speed communications between similar shift-register type devices. The LIN
supports the Local Interconnect standard 2.0 and can be used as a UART in full-duplex mode using the
standard Non-Return-to-Zero (NRZ) format. The DCAN supports the CAN 2.0B protocol standard and
uses a serial, multimaster communication protocol that efficiently supports distributed real-time control with
robust communication rates of up to 1 megabit per second (Mbps). The DCAN is ideal for applications
operating in noisy and harsh environments (e.g., automotive and industrial fields) that require reliable
serial communication or multiplexed wiring. The FlexRay uses a dual channel serial, fixed time base
multimaster communication protocol with communication rates of 10 megabits per second (Mbps) per
channel. A FlexRay Transfer Unit (FTU) enables autonomous transfers of FlexRay data to and from main
CPU memory. Transfers are protected by a dedicated, built-in Memory Protection Unit (MPU). The
Ethernet module supports MII and MDIO interfaces.
The I2C module is a multi-master communication module providing an interface between the
microcontroller and an I2C compatible device via the I2C serial bus. The I2C supports both 100 Kbps and
400 Kbps speeds.
The frequency-modulated phase-locked loop (FMPLL) clock module is used to multiply the external
frequency reference to a higher frequency for internal use. The FMPLL provides one of the seven possible
clock source inputs to the global clock module (GCM). The GCM module manages the mapping between
the available clock sources and the device clock domains.
Copyright
© 2011, Texas Instruments Incorporated
TMS570LS3137 16/32-Bit RISC Flash Microcontroller
3
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com