Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 15Page - Texas Instruments TMS570LS3137 Datasheet HTML 16Page - Texas Instruments TMS570LS3137 Datasheet HTML 17Page - Texas Instruments TMS570LS3137 Datasheet HTML 18Page - Texas Instruments TMS570LS3137 Datasheet HTML 19Page - Texas Instruments TMS570LS3137 Datasheet HTML 20Page - Texas Instruments TMS570LS3137 Datasheet HTML 21Page - Texas Instruments TMS570LS3137 Datasheet HTML 22Page - Texas Instruments TMS570LS3137 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 159 page
background image
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
Table 2-15. PGE Ethernet Controller: Media Independent Interface (MII) (continued)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
144
PGE
N2HET1[10]/MII_TX_CLK/MII_TX_AVCLK4
118
I/O
Pull Down
-
MII output transmit clock
N2HET1[10]/MII_TX_CLK/MII_TX_AVCLK4
118
Transmit clock
MIBSPI5SOMI[0]/MII_TXD[0]
98
Output
Pull Up
-
Transmit data
MIBSPI5SIMO[0]/MII_TXD[1]
99
MIBSPI1NCS[0]/MIBSPI1SOMI[1]/MII_TXD[2]
105
N2HET1[08]/MIBSPI1SIMO[1]/MII_TXD[3]
106
Pull Down
-
MIBSPI5CLK/MII_TXEN
100
Pull Up
-
Transmit enable
2.4.1.12 System Module Interface
Table 2-16. PGE System Module Interface
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
144
PGE
nPORRST
46
Input
Pull Down
100uA
Power-on reset, cold reset
External power supply
monitor circuitry must
drive nPORRST low when
any of the supplies to the
microcontroller fall out of
thespecified range. This
terminal has a glitch filter.
See Section 4.8.
nRST
116
I/O
Pull Up
100uA
System reset, warm reset,
bidirectional.
The internal circuitry
indicates any reset
condition by driving nRST
low.
The external circuitry can
assert a system reset by
driving nRST low. To
ensure that an external
reset is not arbitrarily
generated, TI
recommends that an
external pull-up resistor is
connected to this terminal.
This terminal has a glitch
filter. See Section 4.8.
nERROR
117
I/O
Pull Down
20uA
ESM Error Signal
Indicates error of high
severity. See
Section 4.18.
Copyright
© 2011, Texas Instruments Incorporated
Device Package and Terminal Functions
19
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com