Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 88 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 84Page - Texas Instruments TMS570LS3137 Datasheet HTML 85Page - Texas Instruments TMS570LS3137 Datasheet HTML 86Page - Texas Instruments TMS570LS3137 Datasheet HTML 87Page - Texas Instruments TMS570LS3137 Datasheet HTML 88Page - Texas Instruments TMS570LS3137 Datasheet HTML 89Page - Texas Instruments TMS570LS3137 Datasheet HTML 90Page - Texas Instruments TMS570LS3137 Datasheet HTML 91Page - Texas Instruments TMS570LS3137 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 159 page
background image
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
Table 4-28. EMIF Asynchronous Memory Switching Characteristics(1)(2)(3)
NO
Parameter
Value
Unit
MIN
NOM
MAX
Reads and Writes
1
td(TURNAROUND)
Turn around time
(TA)*E -3
(TA)*E
(TA)*E + 3
ns
Reads
3
tc(EMRCYCLE)
EMIF read cycle time (EW = 0)
(RS+RST+RH)*
(RS+RST+RH)*
(RS+RST+RH)*
ns
E -3
E
E + 3
EMIF read cycle time (EW = 1)
(RS+RST+RH+( (RS+RST+RH+( (RS+RST+RH+(
ns
EWC*16))*E -3
EWC*16))*E
EWC*16))*E +
3
4
tsu(EMCEL-EMOEL)
Output setup time,
(RS)*E-3
(RS)*E
(RS)*E+3
ns
EMIFnCS[4:2] low to EMIFnOE
low (SS = 0)
Output setup time,
-3
0
+3
ns
EMIFnCS[4:2] low to EMIFnOE
low (SS = 1)
5
th(EMOEH-EMCEH)
Output hold time, EMIFnOE high
(RH)*E -3
(RH)*E
(RH)*E + 3
ns
to EMIFnCS[4:2] high (SS = 0)
Output hold time, EMIFnOE high
-3
0
+3
ns
to EMIFnCS[4:2] high (SS = 1)
6
tsu(EMBAV-EMOEL)
Output setup time, EMIFBA[1:0]
(RS)*E-3
(RS)*E
(RS)*E+3
ns
valid to EMIFnOE low
7
th(EMOEH-EMBAIV)
Output hold time, EMIFnOE high
(RH)*E-3
(RH)*E
(RH)*E+3
ns
to EMIFBA[1:0] invalid
8
tsu(EMBAV-EMOEL)
Output setup time,
(RS)*E-3
(RS)*E
(RS)*E+3
ns
EMIFADDR[21:0] valid to
EMIFnOE low
9
th(EMOEH-EMAIV)
Output hold time, EMIFnOE high
(RH)*E-3
(RH)*E
(RH)*E+3
ns
to EMIFADDR[21:0] invalid
10
tw(EMOEL)
EMIFnOE active low width (EW
(RST)*E-3
(RST)*E
(RST)*E+3
ns
= 0)
EMIFnOE active low width (EW
(RST+(EWC*16
(RST+(EWC*16
(RST+(EWC*16
ns
= 1)
)) *E-3
))*E
)) *E+3
11
td(EMWAITH-EMOEH)
Delay time from EMIFnWAIT
3E-3
4E
4E+3
ns
deasserted to EMIFnOE high
Writes
15
tc(EMWCYCLE)
EMIF write cycle time (EW = 0)
(WS+WST+WH
(WS+WST+WH
(WS+WST+WH
ns
)* E-3
)*E
)* E+3
EMIF write cycle time (EW = 1)
(WS+WST+WH
(WS+WST+WH
(WS+WST+WH
ns
+( EWC*16))*E
+(E WC*16))*E
+( EWC*16))*E
-3
+ 3
16
tsu(EMCEL-EMWEL)
Output setup time,
(WS)*E -3
(WS)*E
(WS)*E + 3
ns
EMIFnCS[4:2] low to EMIFnWE
low (SS = 0)
Output setup time,
-3
0
+3
ns
EMIFnCS[4:2] low to EMIFnWE
low (SS = 1)
17
th(EMWEH-EMCEH)
Output hold time, EMIFnWE
(WH)*E-3
(WH)*E
(WH)*E+3
ns
high to EMIFnCS[4:2] high (SS =
0)
(1)
TA = Turn around, RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold,
MEWC = Maximum external wait cycles. These parameters are programmed via the Asynchronous Bank and Asynchronous Wait Cycle
Configuration Registers. These support the following ranges of values: TA[4
–1], RS[16–1], RST[64–1], RH[8–1], WS[16–1], WST[64–1],
WH[8
–1], and MEWC[1–256]. See the EMIF User’s guide for more information.
(2)
E = EMIF_CLK period in ns.
(3)
EWC = external wait cycles determined by EMIFnWAIT input signal. EWC supports the following range of values. EWC[256
–1]. Note
that the maximum wait time before timeout is specified by bit field MEWC in the Asynchronous Wait Cycle Configuration Register. See
the EMIF User
’s Guide for more information.
88
System Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com