Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 22Page - Texas Instruments TMS570LS3137 Datasheet HTML 23Page - Texas Instruments TMS570LS3137 Datasheet HTML 24Page - Texas Instruments TMS570LS3137 Datasheet HTML 25Page - Texas Instruments TMS570LS3137 Datasheet HTML 26Page - Texas Instruments TMS570LS3137 Datasheet HTML 27Page - Texas Instruments TMS570LS3137 Datasheet HTML 28Page - Texas Instruments TMS570LS3137 Datasheet HTML 29Page - Texas Instruments TMS570LS3137 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 159 page
background image
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
2.4.2.3
General-Purpose Input / Output (GIO)
Table 2-25. ZWT General-Purpose Input / Output (GIO)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
337
ZWT
GIOA[0]
A5
I/O
Pull Down
Programmable,
General-purpose I/O.
20uA
All GIO terminals are
GIOA[1]
C2
capable of generating
GIOA[2]/N2HET2[0]
C1
interrupts to the CPU on
rising / falling / both
GIOA[3]/N2HET2[2]
E1
edges.
GIOA[4]
A6
GIOA[5]/EXTCLKIN
B5
GIOA[6]/N2HET2[4]
H3
GIOA[7]/N2HET2[6]
M1
GIOB[0]
M2
GIOB[1]
K2
GIOB[2]
F2
GIOB[3]
W10
GIOB[4]
G1
GIOB[5]
G2
GIOB[6]
J2
GIOB[7]
F1
2.4.2.4
FlexRay Interface Controller (FlexRay)
Table 2-26. FlexRay Interface Controller (FlexRay)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
337
ZWT
FRAYRX1
A15
Input
Pull Down
Fixed, 100uA
FlexRay data receive
(channel 1)
FRAYTX1
B15
Output
-
-
FlexRay data transmit
(channel 1)
FRAYTXEN1
B16
Output
FlexRay transmit enable
(channel 1)
FRAYRX2
A8
Input
Pull Down
Fixed, 100uA
FlexRay data receive
(channel 2)
FRAYTX2
B8
Output
-
-
FlexRay data transmit
(channel 2)
FRAYTXEN2
B9
Output
FlexRay transmit enable
(channel 2)
26
Device Package and Terminal Functions
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com