Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 40Page - Texas Instruments TMS570LS3137 Datasheet HTML 41Page - Texas Instruments TMS570LS3137 Datasheet HTML 42Page - Texas Instruments TMS570LS3137 Datasheet HTML 43Page - Texas Instruments TMS570LS3137 Datasheet HTML 44Page - Texas Instruments TMS570LS3137 Datasheet HTML 45Page - Texas Instruments TMS570LS3137 Datasheet HTML 46Page - Texas Instruments TMS570LS3137 Datasheet HTML 47Page - Texas Instruments TMS570LS3137 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 159 page
background image
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
3.5
Power Consumption Over Recommended Operating Conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fHCLK = 160MHz for
PGE Package
350 for PGE
fHCLK = 180MHz for
Package
VCC digital supply current (operating mode)
ZWT Package
mA
375 for ZWT
Package
fVCLK
=
90MHz,
Flash
in
pipelined
ICC
mode, VCCmax
LBIST clock rate =
VCC Digital supply current (LBIST mode)
mA
400
90MHz
Peak
PBIST ROM clock
TBD
VCC Digital supply current
frequency = 90MHz
mA
(PBIST mode)
RMS
405
ICCPLL
VCCPLL digital supply current (operating mode)
VCCPLL = VCCPLLmax
10
mA
ICCIO
VCCIO Digital supply current (operating mode.
No DC load, VCCmax
15
mA
Single ADC
15
operational,
VCCADmax
ICCAD
VCCAD supply current (operating mode)
mA
Both ADCs
30
operational,
VCCADmax
Single ADC
5
operational,
ADREFHImax
ICCREFHI
ADREFHI supply current (operating mode)
mA
Both ADCs
10
operational,
ADREFHImax
read operation
34
VCCPmax
program, VCCPmax
37
read from 1 bank
55
ICCP
VCCP pump supply current
mA
and program
another bank,
VCCPmax
erase, VCCPmax
27
44
Device Operating Conditions
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com