Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 59Page - Texas Instruments TMS570LS3137 Datasheet HTML 60Page - Texas Instruments TMS570LS3137 Datasheet HTML 61Page - Texas Instruments TMS570LS3137 Datasheet HTML 62Page - Texas Instruments TMS570LS3137 Datasheet HTML 63Page - Texas Instruments TMS570LS3137 Datasheet HTML 64Page - Texas Instruments TMS570LS3137 Datasheet HTML 65Page - Texas Instruments TMS570LS3137 Datasheet HTML 66Page - Texas Instruments TMS570LS3137 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 159 page
background image
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
4.6.1.4
External Clock Inputs
The device supports up to two external clock inputs. This clock input must be a square wave input. The
electrical and timing requirements for these clock inputs are specified below.
Table 4-12. External Clock Timing and Electrical Specifications
Parameter
Description
Min
Max
Unit
fEXTCLKx
External clock input frequency
80
MHz
tw(EXTCLKIN)H
EXTCLK high-pulse duration
6
ns
tw(EXTCLKIN)L
EXTCLK low-pulse duration
6
ns
viL(EXTCLKIN)
Low-level input voltage
-0.3
0.8
V
viH(EXTCLKIN)
High-level input voltage
2
VCCIO + 0.3
V
4.6.2
Clock Domains
4.6.2.1
Clock Domain Descriptions
The table below lists the device clock domains and their default clock sources. The table also shows the
system module control register that is used to select an available clock source for each clock domain.
Table 4-13. Clock Domain Descriptions
Clock Domain Name
Default Clock
Clock Source
Description
Source
Selection Register
HCLK
OSCIN
GHVSRC
•
Is disabled via the CDDISx registers bit 1
•
Used for all system modules including DMA, ESM
GCLK
OSCIN
GHVSRC
•
Always the same frequency as HCLK
•
In phase with HCLK
•
Is disabled separately from HCLK via the CDDISx registers bit 0
•
Can be divided by 1up to 8 when running CPU self-test (LBIST)
using the CLKDIV field of the STCCLKDIV register at address
0xFFFFE108
GCLK2
OSCIN
GHVSRC
•
Always the same frequency as GCLK
•
2 cycles delayed from GCLK
•
Is disabled along with GCLK
•
Gets divided by the same divider setting as that for GCLK when
running CPU self-test (LBIST)
VCLK
OSCIN
GHVSRC
•
Divided down from HCLK
•
Can be HCLK/1, HCLK/2, ... or HCLK/16
•
Is disabled separately from HCLK via the CDDISx registers bit 2
VCLK2
OSCIN
GHVSRC
•
Divided down from HCLK
•
Can be HCLK/1, HCLK/2, ... or HCLK/16
•
Frequency must be an integer multiple of VCLK frequency
•
Is disabled separately from HCLK via the CDDISx registers bit 3
VCLK3
OSCIN
GHVSRC
•
Divided down from HCLK
•
Can be HCLK/1, HCLK/2, ... or HCLK/16
•
Is disabled separately from HCLK via the CDDISx registers bit 8
VCLKA1
VCLK
VCLKASRC
•
Defaults to VCLK as the source
•
Is disabled via the CDDISx registers bit 4
VCLKA2
VCLK
VCLKASRC
•
Defaults to VCLK as the source
•
Is disabled via the CDDISx registers bit 5
VCLKA3_S
VCLK
VCLKACON
•
Defaults to VCLK as the source
•
Frequency can be as fast as HCLK frequency.
•
Is disabled via the CDDISx registers bit 10
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
63
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com