Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 2Page - Texas Instruments TMS570LS3137 Datasheet HTML 3Page - Texas Instruments TMS570LS3137 Datasheet HTML 4Page - Texas Instruments TMS570LS3137 Datasheet HTML 5Page - Texas Instruments TMS570LS3137 Datasheet HTML 6Page - Texas Instruments TMS570LS3137 Datasheet HTML 7Page - Texas Instruments TMS570LS3137 Datasheet HTML 8Page - Texas Instruments TMS570LS3137 Datasheet HTML 9Page - Texas Instruments TMS570LS3137 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 159 page
background image
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
1
TMS570LS3137 16/32-Bit RISC Flash
4.6
Clocks
.............................................. 59
Microcontroller
.......................................... 1
4.7
Clock Monitoring
.................................... 67
1.1
Features
.............................................. 1
4.8
Glitch Filters
........................................ 69
1.2
Applications
.......................................... 2
4.9
Device Memory Map
................................ 70
4.10
Flash Memory
...................................... 77
1.3
Description
........................................... 3
4.11
Tightly-Coupled RAM Interface Module
............ 80
1.4
Functional Block Diagram
............................ 5
4.12
Parity Protection for Accesses to peripheral RAMs
1.1
Device Configuration
................................. 7
...................................................... 80
2
Device Package and Terminal Functions
......... 11
4.13
On-Chip SRAM Initialization and Testing
........... 82
2.2
PGE QFP Package Pinout (144-Pin)
............... 11
4.14
External Memory Interface (EMIF)
................. 84
2.3
ZWT BGA Package Ball-Map (337 Ball Grid Array)
4.15
Vectored Interrupt Manager
........................ 91
...................................................... 12
4.16
DMA Controller
..................................... 94
2.4
Terminal Functions
................................. 13
4.17
Real Time Interrupt Module
........................ 96
3
Device Operating Conditions
....................... 42
4.18
Error Signaling Module
............................. 98
3.1
Absolute Maximum Ratings Over Operating
4.19
Reset / Abort / Error Sources
..................... 102
Free-Air Temperature Range,
...................... 42
4.20
Digital Windowed Watchdog
...................... 104
3.2
Device Recommended Operating Conditions
...... 42
4.21
Debug Subsystem
................................. 105
3.3
Switching Characteristics over Recommended
5
Peripheral Information and Electrical
Operating Conditions for Clock Domains
........... 43
Specifications
......................................... 116
3.4
Wait States Required
............................... 43
5.1
Peripheral Legend
................................. 116
3.5
Power Consumption Over Recommended
5.2
Multi-Buffered 12bit Analog-to-Digital Converter
Operating Conditions
............................... 44
..................................................... 116
3.6
Input/Output Electrical Characteristics Over
5.3
General-Purpose Input/Output
.................... 127
Recommended Operating Conditions
.............. 45
5.4
Enhanced High-End Timer (N2HET)
.............. 128
3.7
Output Buffer Drive Strengths
...................... 45
5.5
FlexRay Interface
................................. 132
3.8
Input Timings
....................................... 46
5.6
Controller Area Network (DCAN)
.................. 134
3.9
Output Timings
..................................... 47
5.7
Local Interconnect Network Interface (LIN)
....... 135
3.10
Low-EMI Output Buffers
............................ 49
5.8
Serial Communication Interface (SCI)
............ 136
4
System Information and Electrical Specifications
5.9
Inter-Integrated Circuit (I2C)
...................... 137
............................................................. 51
5.10
Multi-Buffered / Standard Serial Peripheral Interface
..................................................... 140
4.1
Device Power Domains
............................. 51
5.11
Ethernet Media Access Controller
................ 152
4.2
Voltage Monitor Characteristics
.................... 52
6
Mechanical Data
...................................... 155
4.3
Power Sequencing and Power On Reset
.......... 53
6.1
Thermal Data
...................................... 155
4.4
Warm Reset (nRST)
................................ 55
6.2
Packaging Information
............................ 155
4.5
ARM© Cortex-R4F
™ CPU Information
............. 56
6
Contents
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com