Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 9Page - Texas Instruments TMS570LS3137 Datasheet HTML 10Page - Texas Instruments TMS570LS3137 Datasheet HTML 11Page - Texas Instruments TMS570LS3137 Datasheet HTML 12Page - Texas Instruments TMS570LS3137 Datasheet HTML 13Page - Texas Instruments TMS570LS3137 Datasheet HTML 14Page - Texas Instruments TMS570LS3137 Datasheet HTML 15Page - Texas Instruments TMS570LS3137 Datasheet HTML 16Page - Texas Instruments TMS570LS3137 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 159 page
background image
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
2.4
Terminal Functions
Section 2.4.1 and Section 2.4.2 identify the external signal names, the associated pin/ball numbers along
with the mechanical package designator, the pin/ball type (Input, Output, IO, Power or Ground), whether
the pin/ball has any internal pullup/pulldown, whether the pin/ball can be configured as a GIO, and a
functional pin/ball description. The first signal name listed is the primary function for that terminal. The
signal name in Bold is the function being described. Refer to the I/O Multiplexing Module (IOMM) User
Guide for information on how to select between different multiplexed functions.
NOTE
All I/O signals except nRST are configured as inputs while nPORRST is low and immediately
after nPORRST goes High.
All output-only signals are configured as inputs while nPORRST is low, and are configured
as outputs immediately after nPORRST goes High.
While nPORRST is low, the input buffers are disabled, and the output buffers are tri-stated.
2.4.1
PGE Package
2.4.1.1
Multi-Buffered Analog-to-Digital Converters (MibADC)
Table 2-4. PGE Multi-Buffered Analog-to-Digital Converters (MibADC1, MibADC2)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
144
PGE
ADREFHI(1)
66
Input
-
-
ADC high reference
supply
ADREFLO(1)
67
Input
ADC low reference supply
VCCAD(1)
69
Power
Operating supply for ADC
VSSAD(1)
68
Ground
AD1EVT/MII_RX_ER
86
Input
Pull Down
Programmable,
ADC1 event trigger input,
20uA
or GIO
MIBSPI3NCS[0]/AD2EVT
55
I/O
Pull Up
Programmable,
ADC2 event trigger input,
20uA
or GIO
AD1IN[0]
60
Input
-
-
ADC1 analog input
AD1IN[01]
71
AD1IN[02]
73
AD1IN[03]
74
AD1IN[04]
76
AD1IN[05]
78
AD1IN[06]
80
AD1IN[07]
61
(1)
The ADREFHI, ADREFLO, VCCAD and VSSAD connections are common for both ADC cores.
Copyright
© 2011, Texas Instruments Incorporated
Device Package and Terminal Functions
13
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com