Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 114 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 114 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 110Page - Texas Instruments TMS570LS3137 Datasheet HTML 111Page - Texas Instruments TMS570LS3137 Datasheet HTML 112Page - Texas Instruments TMS570LS3137 Datasheet HTML 113Page - Texas Instruments TMS570LS3137 Datasheet HTML 114Page - Texas Instruments TMS570LS3137 Datasheet HTML 115Page - Texas Instruments TMS570LS3137 Datasheet HTML 116Page - Texas Instruments TMS570LS3137 Datasheet HTML 117Page - Texas Instruments TMS570LS3137 Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 159 page
background image
HCLK
DMMCLK
DMMSYNC
DMMDATA
DMMnENA
D00
D01
D10
D11
D20
D21
D30
D31
D40
D41
D50
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
Table 4-47. DMMDATA Timing
Parameter
MIN
Description
tssu(DMM)
2ns
SYNC active to clk falling edge setup time
tsh(DMM)
3ns
clk falling edge to SYNC deactive hold time
tdsu(DMM)
2ns
DATA to clk falling edge setup time
tdh(DMM)
3ns
clk falling edge to DATA hold time
Figure 4-29. DMMnENA Timing
Figure 4-29 shows a case with 1 DMM packet per 2 DMMCLK cycles (Mode = Direct Data Mode, data
width = 8, portwidth = 4) where none of the packets received by the DMM are sent out, leading to filling up
of the internal buffers. The DMMnENA signal is shown asserted, after the first two packets have been
received and synchronised to the HCLK domain. Here, the DMM has the capacity to accept packets D4x,
D5x, D6x, D7x. Packet D8 would result in an overflow. Once DMMnENA is asserted, the DMM expects to
stop receiving packets after 4 HCLK cycles; once DMMnENA is de-asserted, the DMM can handle
packets immediately (after 0 HCLK cycles).
114
System Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com