Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6821 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6821
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6821 Datasheet HTML 1Page - MOSA ELECTRONICS MS6821 Datasheet HTML 2Page - MOSA ELECTRONICS MS6821 Datasheet HTML 3Page - MOSA ELECTRONICS MS6821 Datasheet HTML 4Page - MOSA ELECTRONICS MS6821 Datasheet HTML 5Page - MOSA ELECTRONICS MS6821 Datasheet HTML 6Page - MOSA ELECTRONICS MS6821 Datasheet HTML 7Page - MOSA ELECTRONICS MS6821 Datasheet HTML 8Page - MOSA ELECTRONICS MS6821 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 3
2/29
www.mosanalog.com
PIN CONFIGURATION
Note: 1. SE: Single Ended. BTL: Bridged-Tied Load
Symbol
Pin
Description
WS
1
Audio word select input
BCK
2
Audio bit clock input
CAP
3
Capacitor connected
RIN1
4
Right channel input 1
RIN2
5
Right channel input 2
RIN3
6
Right channel input 3
RIN4
7
Right channel input 4
VSS
8
Negative supply voltage
PVDDR
9
Positive supply voltage for right
channel of power amplifier
OUTR-
10
SE right channel output or negative
output of BTL right channel
OUTR+
11
Positive output of BTL right channel
GND
12
Connected to ground
PVSSR
13
Negative supply voltage for right
channel of power amplifier
DACR
14
DAC right channel output
DACL
15
DAC Left channel output
PVSSL
16
Negative supply voltage for left channel
of power amplifier
GND
17
Connected to ground
OUTL+
18
Positive output of BTL left channel
OUTL-
19
SE left channel output or negative
output of BTL left channel
PVDDL
20
Positive supply voltage for left channel
of power amplifier
VDD
21
Positive supply voltage
LIN4
22
Left channel input 4
LIN3
23
Left channel input 3
LIN2
24
Left channel input 2
LIN1
25
Left channel input 1
SDA
26
I2C data input
SCL
27
I2C clock input
DATA
28
Audio data input
27
26
25
28
2
3
4
1
DATA
SCL
SDA
LIN1
WS
BCK
CAP
RIN1
23
22
21
24
6
7
8
5
LIN3
LIN4
RIN2
RIN4
PVDDR
20
19
9
10
OUTR-
OUTL-
PVDDL
VDD
LIN2
RIN3
VSS
11
12
OUTR+
PVSSR 13
14
DACR
GND
18
17
OUTL+
16
15
DACL
PVSSL
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com