Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6821 Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6821
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821 Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6821 Datasheet HTML 5Page - MOSA ELECTRONICS MS6821 Datasheet HTML 6Page - MOSA ELECTRONICS MS6821 Datasheet HTML 7Page - MOSA ELECTRONICS MS6821 Datasheet HTML 8Page - MOSA ELECTRONICS MS6821 Datasheet HTML 9Page - MOSA ELECTRONICS MS6821 Datasheet HTML 10Page - MOSA ELECTRONICS MS6821 Datasheet HTML 11Page - MOSA ELECTRONICS MS6821 Datasheet HTML 12Page - MOSA ELECTRONICS MS6821 Datasheet HTML 13Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 3
9/29
www.mosanalog.com
OUTPUT POWER (W)
OUTPUT POWER (W)
OUTPUT POWER (W)
THD+N vs. output power
THD+N vs. output power
THD+N vs. output power
OUTPUT POWER (W)
OUTPUT POWER (W)
OUTPUT POWER (W)
THD+N vs. output power
THD+N vs. output power
THD+N vs. output power
OUTPUT POWER (W)
OUTPUT POWER (W)
OUTPUT POWER (W)
THD+N vs. output power
THD+N vs. output power
THD+N vs. output power
f=1kHz
VDD=2.4V
BTL mode
RL=8Ω
f=20Hz
f=20kHz
f=1kHz
VDD=3.3V
BTL mode
RL=8Ω
f=20Hz
f=20kHz
f=1kHz
VDD=5V
BTL mode
RL=8Ω
f=20Hz
f=20kHz
f=1kHz
VDD=2.4V
SE mode
RL=32Ω
f=20Hz
f=20kHz
f=1kHz
VDD=3.3V
SE mode
RL=32Ω
f=20Hz
f=20kHz
f=1kHz
VDD=5V
SE mode
RL=32Ω
f=20Hz
f=1kHz
VDD=2.4V
BTL mode
RL=4Ω
f=20Hz
f=20kHz
f=1kHz
VDD=3.3V
BTL mode
RL=4Ω
f=20Hz
f=20kHz
f=1kHz
VDD=5V
BTL mode
RL=4Ω
f=20Hz
f=20kHz
f=20kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com