Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6821 Datasheet(PDF) 22 Page - MOSA ELECTRONICS

Part # MS6821
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821 Datasheet(HTML) 22 Page - MOSA ELECTRONICS

Back Button MS6821 Datasheet HTML 18Page - MOSA ELECTRONICS MS6821 Datasheet HTML 19Page - MOSA ELECTRONICS MS6821 Datasheet HTML 20Page - MOSA ELECTRONICS MS6821 Datasheet HTML 21Page - MOSA ELECTRONICS MS6821 Datasheet HTML 22Page - MOSA ELECTRONICS MS6821 Datasheet HTML 23Page - MOSA ELECTRONICS MS6821 Datasheet HTML 24Page - MOSA ELECTRONICS MS6821 Datasheet HTML 25Page - MOSA ELECTRONICS MS6821 Datasheet HTML 26Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 3
22/29
www.mosanalog.com
For BTL mode only
Volume Down To Mute
Input Channels Mute On
[ Attenuation and Mute ]
Code: Lch 00111111 (3Fh)
Rch 01111111 (7Fh)
Power Off
Disconnect VDD
VDD will be fell down to 0V
Power Off
Power On
Power On
VDD = Supply voltage
Activating
Power Down
(Shut Down)
Power Down All The Devices
[ Power Down Mode ]
Code: 11011111 (DFh)
Keep All The Digital Interface
Signals Unchanged
Disable Power Down
[ Power Down Mode ]
Code: 11000000 (C0h)
Wait 0.5 sec
Setting Input Gain Is Fixed
[ Input Gain ]
Code: Lch 100xxx00
Rch 101xxx00
Power Down All The Devices
[ Power Down Mode ]
Code: 11011111 (DFh)
Volume Down To Mute
Input Channels Mute On
[ Attenuation and Mute ]
Code: Lch 00111111 (3Fh)
Rch 01111111 (7Fh)
Mute Off And Volume Up/Down
Step By Step
[ Attenuation and Mute ]
Code: Lch 00xxxxxx
Rch 01xxxxxx
Pull Down CAP Pin To Ground
[ Power Down Mode ]
Code: 11000001 (C1h)
Wait 0.1 sec
Default Status
[Attenuation & Mute]
Mute on (max attenuation)
[ Input Selector & Input Gain ]
L-ch1, R-ch1
0dB
[ Power Down Mode ]
All power down status
[ Output Mode & Mixer & Format ]
BTL mode
Inputs not mixed with DAC signal
RJF format
All the Digital Interface Signals
Pull Low
I2C pull low
Audio inputs pull low
(BCK, WS, DATA)
VDD = GND
Pull Down CAP Pin To Ground
[ Power Down Mode ]
Code: 11000001 (C1h)
Wait 0.1 sec
All the Digital Interface Signals
Pull Low
I2C pull low
Audio inputs pull low
(BCK, WS, DATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com