Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6821 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6821
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6821 Datasheet HTML 1Page - MOSA ELECTRONICS MS6821 Datasheet HTML 2Page - MOSA ELECTRONICS MS6821 Datasheet HTML 3Page - MOSA ELECTRONICS MS6821 Datasheet HTML 4Page - MOSA ELECTRONICS MS6821 Datasheet HTML 5Page - MOSA ELECTRONICS MS6821 Datasheet HTML 6Page - MOSA ELECTRONICS MS6821 Datasheet HTML 7Page - MOSA ELECTRONICS MS6821 Datasheet HTML 8Page - MOSA ELECTRONICS MS6821 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 3
1/29
www.mosanalog.com
4 Stereo Inputs, 2W BTL Stereo Output
16-bit Stereo DAC and Volume Control
FEATURES
Operation range: 2.4V ~ 6.5V
Volume control range
Gain: 0 to 21dB, 3dB/step
Attenuation: 0 to –77.5dB, 1.25dB/step
4 stereo inputs (mixed with an audio DAC)
Output mode : Speaker( BTL)/Headphone(SE)
BTL Output power, THD+N=1%, Stereo Input
RL=4Ω, 2W at 5V, 0.8W at 3.3V, 360mW at 2.4V
RL=8Ω, 1.3W at 5V, 0.53W at 3.3V, 250mW at 2.4V
BTL Output power, DAC Input
RL=4Ω, 1.6W at 5V, 0.70W at 3.3V, 340mW at 2.4V
RL=8Ω, 0.83W at 5V, 0.35W at 3.3V, 170mW at 2.4V
Built-in 16-bit Audio DAC
Audio format : I2S, Right justified, Left justified
Control interface : I2C
Excellent Power Supply Rejection Ratio(PSRR)
Flexibility power management
Component less
Reduce pop noise circuit
Housed in SOP28, TSSOP28 package, enhanced
thermal PAD
APPLICATIONS
Multimedia system, Portable Digital Audio.
DESCRIPTION
The MS6821 is a 16-bits voltage-output Digital-to-Analog Converter (DAC) integrated class AB stereo headphone
driver and stereo speaker power amplifier. It can drive 2W of continuous average power into a dual 4Ω bridged-tied
(BTL) speaker or 2 * 90mW into stereo 32Ω single ended (SE) headphone. The 16-bit DAC supports general and
popular formats as I2S, Right justified. The volume control offers wide range of gain and attenuation for 4-set stereo
input. All of the functions are set by I2C interface.
The MS6821 has good feature for portable equipment, including wide voltage operation 2.4V ~ 6.5V, low power
consumption, flexible power management, component less and small package TSSOP28, make the MS6821 ideally
suitable for use in the portable digital audio equipments.
BLOCK DIAGRAM


Similar Part No. - MS6821

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6821 MOSA-MS6821 Datasheet
880Kb / 26P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
MS6821G MOSA-MS6821G Datasheet
880Kb / 26P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
MS6821TGTR MOSA-MS6821TGTR Datasheet
880Kb / 26P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
MS6821TGU MOSA-MS6821TGU Datasheet
880Kb / 26P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
More results

Similar Description - MS6821

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8718 WOLFSON-WM8718_06 Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
WM8720 WOLFSON-WM8720_05 Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
logo
MOSA ELECTRONICS
MS6821 MOSA-MS6821 Datasheet
880Kb / 26P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
logo
Silan Microelectronics ...
SC7312 SILAN-SC7312 Datasheet
261Kb / 12P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7314 SILAN-SC7314 Datasheet
294Kb / 13P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com