Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6821 Datasheet(PDF) 28 Page - MOSA ELECTRONICS

Part # MS6821
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821 Datasheet(HTML) 28 Page - MOSA ELECTRONICS

Back Button MS6821 Datasheet HTML 21Page - MOSA ELECTRONICS MS6821 Datasheet HTML 22Page - MOSA ELECTRONICS MS6821 Datasheet HTML 23Page - MOSA ELECTRONICS MS6821 Datasheet HTML 24Page - MOSA ELECTRONICS MS6821 Datasheet HTML 25Page - MOSA ELECTRONICS MS6821 Datasheet HTML 26Page - MOSA ELECTRONICS MS6821 Datasheet HTML 27Page - MOSA ELECTRONICS MS6821 Datasheet HTML 28Page - MOSA ELECTRONICS MS6821 Datasheet HTML 29Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 3
28/29
www.mosanalog.com
SE mode and BTL mode operation
The headphone controls operational mode. System enters SE mode when headphone jack is empty.
When a set of headphone plugged into the jack, the system switched to BTL mode.
IR Controller
Power ON/OFF : The power key.
Press the key once to set power-on or power-off for MS6821.
IN1~IN4 : Analog input channel.
Press the key once to select input channel.
The default state is IN1.
VOL+, VOL- : The volume control keys.
The volume control in 1.25dB/step as the switch is pressed once, the range is –77.5dB to 0dB.
The default value is -20dB.
Gain+, Gain- : The gain control keys.
The gain control in 3dB/step as the switch is pressed once, the range is 0dB to 21dB.
The initial value is 0dB.
Mute : The mute key
Press the key once to set mute-on or mute-off.
The default state is mute-off.
PD/Active : The power down key.
Press the key once to set power-down or activation for MS6821.
Mix_LR ON/OFF : The mixing DAC signal keys.
Mix_L ON, mixed the left channel of DAC with the left channel of input signal.
Mix_R OFF, unmixed the right channel of DAC with the right channel of input signal.
I2S, LJF, RJF: The digital input format keys.
There are three formats can be selected that is I2S, Left justified and Right justified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com