Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6821 Datasheet(PDF) 20 Page - MOSA ELECTRONICS

Part # MS6821
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821 Datasheet(HTML) 20 Page - MOSA ELECTRONICS

Back Button MS6821 Datasheet HTML 16Page - MOSA ELECTRONICS MS6821 Datasheet HTML 17Page - MOSA ELECTRONICS MS6821 Datasheet HTML 18Page - MOSA ELECTRONICS MS6821 Datasheet HTML 19Page - MOSA ELECTRONICS MS6821 Datasheet HTML 20Page - MOSA ELECTRONICS MS6821 Datasheet HTML 21Page - MOSA ELECTRONICS MS6821 Datasheet HTML 22Page - MOSA ELECTRONICS MS6821 Datasheet HTML 23Page - MOSA ELECTRONICS MS6821 Datasheet HTML 24Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 3
20/29
www.mosanalog.com
I
2C CODE EXAMPLE
Input selector and input gain
Set left channel to be line-4 and input gain to be 3dB. Set right channel to be line-4 and input gain to be 3dB.
ACK
Start
MS6821 Address
ACK
100
0
11
01
L-ch = Line4, G = 3dB
ACK
R-ch = Line4, G = 3dB
1
0
10
11
01
Stop
Gain
Line
The left and right input channel are independent.
Volume control
Set left channel to be -15dB and right channel to be 30dB.
ACK
Start
MS6821 Address
ACK
100
0
11
01
L-ch = Line4, G = 3dB
ACK
R-ch = Line4, G = 3dB
1
0
10
11
01
Stop
Gain
Line
Power down mode
Set built-in DAC to be power down mode.
ACK
Start
MS6821 Address
ACK
1
1
0
1
0
0
00
DAC power down
Stop
DACPD
Output mode, mixer control and audio format
Set output mode to be SE mode, audio format is I2S, and both input channel to be mixed.
ACK
Start
MS6821 Address
ACK
11
11
0
1
11
SE mode, All mix, I2S
Stop
Output mode
Audio format
Mixer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com