Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6821 Datasheet(PDF) 23 Page - MOSA ELECTRONICS

Part # MS6821
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821 Datasheet(HTML) 23 Page - MOSA ELECTRONICS

Back Button MS6821 Datasheet HTML 19Page - MOSA ELECTRONICS MS6821 Datasheet HTML 20Page - MOSA ELECTRONICS MS6821 Datasheet HTML 21Page - MOSA ELECTRONICS MS6821 Datasheet HTML 22Page - MOSA ELECTRONICS MS6821 Datasheet HTML 23Page - MOSA ELECTRONICS MS6821 Datasheet HTML 24Page - MOSA ELECTRONICS MS6821 Datasheet HTML 25Page - MOSA ELECTRONICS MS6821 Datasheet HTML 26Page - MOSA ELECTRONICS MS6821 Datasheet HTML 27Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 3
23/29
www.mosanalog.com
APPLICATION INFORMATION
A base application circuit
LIN2
LIN1
Attenuation
&
Mute
RIN1
RIN2
RIN3
LIN3
Input selector
&
Gain control
RIN4
LIN4
BCK
WS
DATA
OUTR+
OUTR-
OUTL+
OUTL-
16-bit DAC
Mixer
Attenuation
&
Mute
Mixer
-1
-1
-1
-1
CAP
VDD
Vss
SCL
SDA
I2C
Interface
DACR
DACL
Supply
Power Amplifier
Supply
PVDDR PVSSR
PVDDL PVSSL
Audio
Decoder
0.1uF
1uF
2.4 ~ 6.5V
Supply
1uF
MCU
2.4 ~ 6.5V
Power Amplifier Supply
1uF
1uF
100uF
1k
RL
8Ω
100uF
1k
RL
8Ω
Headphone Jack
100k
VDD
MCU
HP_sense
100k
1uF
10uF
10uF
10uF
10uF
10uF
10uF
10uF
10uF
LIN2
LIN1
Attenuation
&
Mute
RIN1
RIN2
RIN3
LIN3
Input selector
&
Gain control
RIN4
LIN4
BCK
WS
DATA
OUTR+
OUTR-
OUTL+
OUTL-
16-bit DAC
Mixer
off
Attenuation
&
Mute
Mixer
off
-1
-1
-1
-1
CAP
VDD
Vss
SCL
SDA
I2C
Interface
DACR
DACL
Supply
Power Amplifier
Supply
PVDDR PVSSR
PVDDL PVSSL
Audio
Decoder
0.1uF
1uF
2.4 ~ 6.5V
Supply
1uF
MCU
2.4 ~ 6.5V
Power Amplifier Supply
1uF
1uF
100uF
1k
RL
8Ω
100uF
1k
RL
8Ω
Headphone Jack
100k
VDD
MCU
HP_sense
100k
1uF
10uF
10uF
10uF
10uF
10uF
10uF
10uF
10uF
10nF
1k
1k
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com