Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6821 Datasheet(PDF) 27 Page - MOSA ELECTRONICS

Part # MS6821
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821 Datasheet(HTML) 27 Page - MOSA ELECTRONICS

Back Button MS6821 Datasheet HTML 21Page - MOSA ELECTRONICS MS6821 Datasheet HTML 22Page - MOSA ELECTRONICS MS6821 Datasheet HTML 23Page - MOSA ELECTRONICS MS6821 Datasheet HTML 24Page - MOSA ELECTRONICS MS6821 Datasheet HTML 25Page - MOSA ELECTRONICS MS6821 Datasheet HTML 26Page - MOSA ELECTRONICS MS6821 Datasheet HTML 27Page - MOSA ELECTRONICS MS6821 Datasheet HTML 28Page - MOSA ELECTRONICS MS6821 Datasheet HTML 29Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 3
27/29
www.mosanalog.com
DEMO BOARD
Function description
Label 1: Supply Input
Supply voltage range is 2.4V to 6.5V.
Label 2: Headphone Jack
Used 3.5mm diameter of headphone with 32ohm
Label 3: DAC output
Connected to a post-power-amplifier, as active speaker.
In addition, using volume control for DAC, this output can connected to input section (label 6) as feedback.
Label 4: Speaker Output
Connected to speaker with 8ohm or 4 ohm
Label 5: Digital Signal Input
Connected to digital audio formats as I2S, Right Justified and Left Justified.
Label 6: Signal Input
There are four stereo inputs in the section. Please input stereo audio signal, as music or sine wave.
Label 7: Reset
All I/O pins are reset to default values.
Label 8: LED Indicator
The LEDs indicate the chip status and IR received status. It keeps on a light state when the MS6821 is active. The other
hand, keeps on a dark state when the MS6821 is power-off. It is red-dark blink once when the MCU has received the
function code correctly.
8
7
1
2
3
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com