Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6821 Datasheet(PDF) 4 Page - MOSA ELECTRONICS

Part # MS6821
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821 Datasheet(HTML) 4 Page - MOSA ELECTRONICS

  MS6821 Datasheet HTML 1Page - MOSA ELECTRONICS MS6821 Datasheet HTML 2Page - MOSA ELECTRONICS MS6821 Datasheet HTML 3Page - MOSA ELECTRONICS MS6821 Datasheet HTML 4Page - MOSA ELECTRONICS MS6821 Datasheet HTML 5Page - MOSA ELECTRONICS MS6821 Datasheet HTML 6Page - MOSA ELECTRONICS MS6821 Datasheet HTML 7Page - MOSA ELECTRONICS MS6821 Datasheet HTML 8Page - MOSA ELECTRONICS MS6821 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 3
4/29
www.mosanalog.com
5V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=5V, VSS=0V, f=1kHz; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
VCAP
Voltage at CAP
0.5VDD
-0.05
0.5VDD
0.5VDD
+0.05
V
VDC
Output DC level
0.5VDD
-0.05
0.5VDD
0.5VDD
+0.05
V
All devices are active, BTL
-
13.0
-
All devices are active, SE
-
9.8
-
DAC PD, BTL
-
9.9
-
DAC PD, SE
-
6.7
-
L-ch (R-ch) PD, BTL
DAC active
-
8.2
-
L-ch (R-ch) PD, SE
DAC active
-
6.6
-
IQ
Quiescent current
Only DAC is active
-
3.2
-
mA
All devices power down
-
-
0.3
IPD
Power down current
All devices power down,
except CAP=1/2 VDD
12
uA
ATT
Mute attenuation
-90
dB
Gain
0
-
21
dB
GARAN
Gain/Attenuation range
Attenuation
-77.5
0
dB
GSTEP
Gain step
-
3
-
dB
ASTEP
Attenuation step
-
1.25
-
dB
EGA
Gain/Attenuation step error
-
0.3
-
dB
VI2CH
Serial interface high input level
2
V
VI2CL
Serial interface low input level
0.8
V
AC Characteristics (Stereo input)
BTL Mode , RL=8Ω
CAP=1uF, f=200Hz
-
61
-
dB
PSRR
Power supply rejection ratio
SE Mode , RL=32Ω
CAP=1uF, f=200Hz
-
65
-
dB
BTL Mode, RL=8Ω
Po=1W
-
78
-
dB
CS
Channel separation
SE Mode, RL=32Ω
Po=60mW
-
81
-
dB
-
-65
-
dB
THD+N
Total harmonic distortion plus
Noise
SE mode, RL=32Ω, 60mW
-
0.0562
-
%
S/N
Signal-to-noise ratio
SE mode, A-weighting,
75mW
-
93
-
dB
BTL Mode, RL = 4Ω
THD+N = 1%
-
2
-
W
BTL Mode, RL = 8Ω
THD+N = 1%
-
1.3
-
W
Po
Maximum output power
SE Mode, RL = 32Ω
THD+N = 0.1%
-
93m
-
W
PD: Power Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com