Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6821 Datasheet(PDF) 29 Page - MOSA ELECTRONICS

Part # MS6821
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821 Datasheet(HTML) 29 Page - MOSA ELECTRONICS

Back Button MS6821 Datasheet HTML 21Page - MOSA ELECTRONICS MS6821 Datasheet HTML 22Page - MOSA ELECTRONICS MS6821 Datasheet HTML 23Page - MOSA ELECTRONICS MS6821 Datasheet HTML 24Page - MOSA ELECTRONICS MS6821 Datasheet HTML 25Page - MOSA ELECTRONICS MS6821 Datasheet HTML 26Page - MOSA ELECTRONICS MS6821 Datasheet HTML 27Page - MOSA ELECTRONICS MS6821 Datasheet HTML 28Page - MOSA ELECTRONICS MS6821 Datasheet HTML 29Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 3
29/29
www.mosanalog.com
Circuit
+
C3
0.1u
C13
10u
C11
10u
C10 1u
+
C24
10u
+
C4
1u
1
2
J2
AVCC
SP1
SPK_R
SP2
SPK_L
DVDD
WS
1
BCK
2
REF
3
R1
4
R2
5
R3
6
R4
7
Vss
8
PVDDR
9
-OUTR
10
+OUTR
11
GND
12
PVSSR
13
DAC_R
14
DAC_L
15
PVSSL
16
GND
17
+OUTL
18
-OUTL
19
PVDDL
20
VDD
21
L4
22
L3
23
L2
24
L1
25
SDA
26
SCL
27
DATA
28
U2
MS6821
C15
10u
C14
10u
R
1
G
3
L
2
J4
IN1
R
1
G
3
L
2
J5
IN2
R
1
G
3
L
2
J6
IN3
R
1
G
3
L
2
J8
IN4
C20
10u
C16
10u
C23
10u
C22
10u
P3.7
11
RST
1
P1.0
12
P3.0
2
P1.1
13
P3.1
3
P1.2
14
XTAL2
4
P1.3
15
XTAL1
5
P1.4
16
P3.2
6
P1.5
17
P3.3
7
P1.6
18
P3.4
8
P1.7
19
P3.5
9
Vcc
20
GND
10
U1
AT89C4051
VS
1
IR
3
GND
2
Q1
IR
+
C1
47u
+C5
470P
R1
220
R2
10K
Y1
24M
C6
20P
C7
20P
R3
10K
+ C2
10u
S1
RST
DGND
IR_IN
DGND
1
2
3
4
J3
DAC_IN
AGND
IR_IN
SCL
SDA
SCL
SDA
R5
1K
R6
1K
R7
1K
1
2
J1
DVDD
1
2
3
J10
DAC_OUT
+
C25
10u
+
C8
0.1u
+
C9
1u
R
1
G
3
L
2
J12
DAC_OUT
HP-IN
1
HP-R
2
R
3
HP-L
4
L
5
G
6
HEADPHONE
+
C18
100u
C19 100u
R9
1K
R8
1K
1
2
3
J9
OUT
R4
100K
HP_IN
+
C21
1u
+
C17
1u
+
C12
1u
1
2
3
J13
LCD
TX
RX
RX
TX
W1
Jumper
DGND
AGND
R10
1K
R11
1K
R12
1K
R13
1K
R14
1K
R15
1K
R16
1K
R17
1K
D2
IN2
D3
IN3
D4
IN4
D1
IN1
R18
1K
R19
1K
R20
1K
R21
1K
W2
JUMP
AVCC
R22 100K
1
Q2
NMOS
AVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com