Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6821 Datasheet(PDF) 24 Page - MOSA ELECTRONICS

Part # MS6821
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821 Datasheet(HTML) 24 Page - MOSA ELECTRONICS

Back Button MS6821 Datasheet HTML 20Page - MOSA ELECTRONICS MS6821 Datasheet HTML 21Page - MOSA ELECTRONICS MS6821 Datasheet HTML 22Page - MOSA ELECTRONICS MS6821 Datasheet HTML 23Page - MOSA ELECTRONICS MS6821 Datasheet HTML 24Page - MOSA ELECTRONICS MS6821 Datasheet HTML 25Page - MOSA ELECTRONICS MS6821 Datasheet HTML 26Page - MOSA ELECTRONICS MS6821 Datasheet HTML 27Page - MOSA ELECTRONICS MS6821 Datasheet HTML 28Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 3
24/29
www.mosanalog.com
Output mode operation -- SE mode and BTL mode
The output mode has two modes, SE mode and BTL mode. The mode is selected by I2C code via a MCU.
In BTL mode, the outputs of A1(B1) and A2(B2) are then used to drive the bridged-tied load
OUTR+
OUTR-
OUTL+
OUTL-
-1
-1
-1
-1
SCL SDA
I2C
Interface
R
L
4Ω / 8Ω
R
L
4Ω / 8Ω
A1
A2
B1
B2
In the SE mode, the amplifiers A2 and B2 are shutdown, and then the amplifiers will be a high output impedance state.
OUTR-
OUTL-
-1
-1
-1
-1
SCL SDA
I2C
Interface
R
L
16Ω
/ 32Ω
100uF
1k
Headphone
Jack
Shutdown
Shutdown
100uF
1k
A1
A2
B1
B2
Headphone sense
The output mode is SE or BTL that is decided by a headphone. It has to be set SE mode when a headphone is plug-in
status. The output mode is selected by I2C command code by a MCU. Please note that the MS6821 don’t detect a
headphone automatically. Thus a detect function is executed via a MCU. An operation diagram is as follows:
The HP_sense pin is high when a headphone is plug-in.
The HP_sense pin is low when a headphone is not plug-in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com