Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5K3 Datasheet(PDF) 13 Page - Sharp Corporation

Part # SM5K3
Description  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K3 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button SM5K3 Datasheet HTML 9Page - Sharp Corporation SM5K3 Datasheet HTML 10Page - Sharp Corporation SM5K3 Datasheet HTML 11Page - Sharp Corporation SM5K3 Datasheet HTML 12Page - Sharp Corporation SM5K3 Datasheet HTML 13Page - Sharp Corporation SM5K3 Datasheet HTML 14Page - Sharp Corporation SM5K3 Datasheet HTML 15Page - Sharp Corporation SM5K3 Datasheet HTML 16Page - Sharp Corporation SM5K3 Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
SM5K3/SM5K4/SM5K5
- 13 -
Output Latch Register and Mode Register
The
SM5K3/5K4/5K5
contain
6
output-latch
registers and 8 mode-registers which either latch
contents of output ports or control some functions
of the SM5K3/5K4/5K5.
These registers, their functions and available
transfer instructions are shown in Table 1 below.
An output latch register sets the output level of the
pin to which it is connected.
Refer to the section of “MODE REGISTERS”
concerning about the details mode registers.
SYMBOL
FUNCTION
OUT
INL
OUT
IN/TPB
ANP/ORP
CONTENT OF BL
P0
Output register
O
–
O
–
O
0
P1
Input register
–
O
–
O
–
1
P2
I/O register (independent)
–
–
O
O
O
2
P3
Input register (and analog input)
–
–
–
O
–
3
R3
Control register
–
–
O
–
–
3
P4
I/O register
–
–
O
O
O
4
P5
I/O register
–
–
O
O
O
5
R8
∗
A/D data/control register
–
–
O
O
–
8
R9
∗
A/D data register
–
–
O
O
–
9
RA
∗
Timer/counter register
–
–
O
O
–
A
RB
∗
Timer/modulo register
–
–
O
O
–
B
RC
Timer control register
–
–
O
O
–
C
RE
Interrupt mask register
–
–
O
O
–
E
RF
P2 directional register
–
–
O
O
–
F
Table 1
Output Latch Registers and Mode Registers
∗ 8-bit register
NOTE :
Bit 4 (R84) in the R8 register is read only.
(Read or write operation of this bit does not affect any other operation.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com