Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5K3 Datasheet(PDF) 16 Page - Sharp Corporation

Part # SM5K3
Description  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K3 Datasheet(HTML) 16 Page - Sharp Corporation

Back Button SM5K3 Datasheet HTML 12Page - Sharp Corporation SM5K3 Datasheet HTML 13Page - Sharp Corporation SM5K3 Datasheet HTML 14Page - Sharp Corporation SM5K3 Datasheet HTML 15Page - Sharp Corporation SM5K3 Datasheet HTML 16Page - Sharp Corporation SM5K3 Datasheet HTML 17Page - Sharp Corporation SM5K3 Datasheet HTML 18Page - Sharp Corporation SM5K3 Datasheet HTML 19Page - Sharp Corporation SM5K3 Datasheet HTML 20Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
SM5K3/SM5K4/SM5K5
- 16 -
• Interrupt used with SM5K3/5K4/5K5
Interrupt event occurs on the falling edge of P10 or
P11 pin input, or the overflow at the timer. These
events set flags IFA, IFB and IFT respectively, that
then serve as interrupt request flag.
Table 4 shows interrupt handling priority level and
jump address.
Table 4
Interrupt Event Summary
INTERRUPT EVENT
(REQUEST FLAG)
JUMP ADDRESS
PRIORITY ORDER
INTERRUPT MASK FLAG
Falling edge of input on P10 (IFA)
2
1
RE0
Falling edge of input on P11 (IFB)
2
2
RE1
Timer overflow (IFT)
2
3
RE2
PAGE
STEP
0
2
4
• Usage of halt mode and stop mode
The system returns back to the normal operation
mode upon occurring of a standby mode releasing
condition. The halt mode should be used when the
system must enter and exit normal operation
frequently as in the case of key operation.
The halt mode should also be used to keep timers
that are operating from the internal clock, while in
the standby mode.
The stop mode further saves power than the halt
mode but requires slightly longer time to return to
the normal mode. Therefore, the stop mode should
be used when the system will not be required to
return to the normal mode in a short time.
Interrupt Feature
The interrupt block consists of mask flags (bits RE0,
RE1 and RE2), IME flag and interrupt request
handling circuit. Fig. 9 shows the configuration of the
interrupt block.
Mask flag (mode register RE)
RE2
I FA
I FB
I FT
RE1
RE0
Interrupt request flag
IME
Interrupt enable flag
(master enable flag)
Interrupt handling circuit
INT signal
Stack register SR
Program counter PC
Fig. 9
Interrupt Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com