Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5K3 Datasheet(PDF) 14 Page - Sharp Corporation

Part # SM5K3
Description  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K3 Datasheet(HTML) 14 Page - Sharp Corporation

Back Button SM5K3 Datasheet HTML 10Page - Sharp Corporation SM5K3 Datasheet HTML 11Page - Sharp Corporation SM5K3 Datasheet HTML 12Page - Sharp Corporation SM5K3 Datasheet HTML 13Page - Sharp Corporation SM5K3 Datasheet HTML 14Page - Sharp Corporation SM5K3 Datasheet HTML 15Page - Sharp Corporation SM5K3 Datasheet HTML 16Page - Sharp Corporation SM5K3 Datasheet HTML 17Page - Sharp Corporation SM5K3 Datasheet HTML 18Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
SM5K3/SM5K4/SM5K5
- 14 -
FUNCTIONAL DESCRIPTION
Hardware Reset Function
Reset function initializes the SM5K3/5K4/5K5
systems. When the input on the RESET pin goes
Low, the system enters reset condition after 2
command cycles. After the RESET pin goes High
level, the reset condition is removed as the input
pulse from OSCIN pin repeats 215 times, forcing the
program counter to start at 0 page and 0 address.
Initialized status of the system immediately after
resetting is shown below.
Reset causes the following changes.
1) I/O pins are set input.
2) All mode registers are reset.
3) Output latch register P0 is reset, causing P00 to
P03 pins go High level.
4) Interrupt request flags (IFA, IFB, and IFT),
interrupt master enable flag (IME) are reset,
disabling all interrupts.
Standby Feature
The standby function saves power by stopping the
program whenever it is not necessary to run. The
mode in which the microcomputer is executing the
program is called the run mode and the mode in
which it stops the program is called the standby
mode. Standby mode is further divided into two
modes : stop mode and halt mode, one of which is
selected by halt instruction or stop instruction. Upon
removal of standby condition, the SM5K3/5K4/5K5
return from the standby mode to the normal run
mode. To enter the standby mode, select either
stop mode or halt mode whichever is appropriate
(Fig. 8).
Table 2
Status of Flags and Registers Immediately after Reset
FLAG REGISTER
STATUS
FLAG REGISTER
STATUS
PC
0
IFA flag
0
SP
Level 1
IFB flag
0
RAM
Undefined
IFT flag
0
Register A
Undefined
IME flag
0
Register X
Undefined
C flag
Undefined
P0, P2, P4, P5 output latch register
0
BM, BL registers, SB register
Undefined
Timers (RA, RB), divider
0
R3, R8
∗, R9, RC, RE, RF
0
∗ The content of the bit R84 is undefined because it is read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com