Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5K3 Datasheet(PDF) 18 Page - Sharp Corporation

Part # SM5K3
Description  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K3 Datasheet(HTML) 18 Page - Sharp Corporation

Back Button SM5K3 Datasheet HTML 14Page - Sharp Corporation SM5K3 Datasheet HTML 15Page - Sharp Corporation SM5K3 Datasheet HTML 16Page - Sharp Corporation SM5K3 Datasheet HTML 17Page - Sharp Corporation SM5K3 Datasheet HTML 18Page - Sharp Corporation SM5K3 Datasheet HTML 19Page - Sharp Corporation SM5K3 Datasheet HTML 20Page - Sharp Corporation SM5K3 Datasheet HTML 21Page - Sharp Corporation SM5K3 Datasheet HTML 22Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
SM5K3/SM5K4/SM5K5
- 18 -
A/D CONVERSION MODE
In the A/D conversion mode, the converter converts
the analog input voltage to the digital value. The
analog input voltage is successively compared with
the internal voltage charged on the weighted
capacitor array until its digital equivalent is
determined. The resultant digital data is stored into
the mode registers R8 and R9.
The conversion requires 152.5 µs (main clock at
400 kHz/system clock at 5 µs) or 1.86 ms (main
clock at 32.768 kHz/system clock at 61 µs).
COMPARISON MODE
In the comparison mode, the analog voltage from
one of P30 to P33 pins is compared, in amplitude,
with internally generated voltage whose value is set
by the mode registers R8 and R9. The result data
of the comparison is saved into the bit 4 (bit R84)
position of the mode register R8. The comparison
cycle lasts 62.5 µs (main clock at 400 kHz, system
clock at 5 µs) or 763 µs (main clock at 32.768
kHz/system clock at 61 µs).
A/D Conversion
The SM5K3/5K4/5K5 are provided with a built-in
10-bit A/D converter having 4-channel multiplexer
analog inputs. The A/D converter operates in A/D
conversion mode and comparison mode. In the
A/D conversion mode, the converter converts the
analog input from the P3 pin to the digital value;
and in the comparison mode, it compares the input
analog amplitude with that of a reference voltage
set inside the SM5K3/5K4/5K5. The P30 to P33
pins can be used as analog voltage inputs. One or
more of these 4 inputs can be set to assume A/D
pin by the bit operation of the mode register R3.
One of these A/D pins is further set as analog input
by the bit operation of the mode register R8. The
A/D converter is controlled by the bits set in the
mode register R8. For details of the mode register
R8, refer to " MODE REGISTERS R8 ".
Configuration of the A/D converter is illustrated in
Fig. 11.
CAUTIONS
• Keep the A/D converter reference voltage on the VR pin
equal to or below VDD.
• Do not apply the voltage to the VR pin before VDD is
applied.
• Connect AGND to GND.
Fig. 11
A/D Converter Block Diagram
P30
P31
P32
P33
Changeover
R3 register
A register
X, A registers
X, A registers
A/D control, data
(mode register R8 )
A/D data
( Mode register R9 )
VR
AGND
10-bit
D/A
Comparator
Control circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com